Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 66Page - Renesas Technology Corp RA4M1 Datasheet HTML 67Page - Renesas Technology Corp RA4M1 Datasheet HTML 68Page - Renesas Technology Corp RA4M1 Datasheet HTML 69Page - Renesas Technology Corp RA4M1 Datasheet HTML 70Page - Renesas Technology Corp RA4M1 Datasheet HTML 71Page - Renesas Technology Corp RA4M1 Datasheet HTML 72Page - Renesas Technology Corp RA4M1 Datasheet HTML 73Page - Renesas Technology Corp RA4M1 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 70 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
Figure 2.45
SCI input/output timing in clock synchronous mode
Table 2.34
SCI timing (2) (1 of 2)
Parameter
Symbol
Min
Max
Unit
Test conditions
Simple
SPI
SCK clock cycle output (master)
tSPcyc
4
65,536
tPcyc
Figure 2.46
SCK clock cycle input (slave)
6
65,536
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall time
1.8 V or above
tSPCKr,
tSPCKf
-20
ns
1.6 V or above
-
30
Data input setup
time
Master
2.7 V or above
tSU
45
-
ns
Figure 2.47 to
Figure 2.50
2.4 V or above
55
-
1.8 V or above
80
-
1.6 V or above
110
-
Slave
2.7 V or above
40
-
1.6 V or above
45
-
Data input hold time Master
tH
33.3
-
ns
Slave
40
-
SS input setup time
tLEAD
1-
tSPcyc
SS input hold time
tLAG
1-
tSPcyc
Data output delay
Master
1.8 V or above
tOD
-40
ns
1.6 V or above
-
50
Slave
2.4 V or above
-
65
1.8 V or above
-
100
1.6 V or above
-
125
Data output hold
time
Master
2.7 V or above
tOH
-10
-
ns
2.4 V or above
-20
-
1.8 V or above
-30
-
1.6 V or above
-40
-
Slave
-10
-
Data rise and fall
time
Master
1.8 V or above
tDr, tDf
-20
ns
1.6 V or above
-
30
Slave
1.8 V or above
-
20
1.6 V or above
-
30
tTXD
tRXS tRXH
TXDn
RXDn
SCKn
(n = 0 to 2, 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com