Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 53Page - Renesas Technology Corp RA4M1 Datasheet HTML 54Page - Renesas Technology Corp RA4M1 Datasheet HTML 55Page - Renesas Technology Corp RA4M1 Datasheet HTML 56Page - Renesas Technology Corp RA4M1 Datasheet HTML 57Page - Renesas Technology Corp RA4M1 Datasheet HTML 58Page - Renesas Technology Corp RA4M1 Datasheet HTML 59Page - Renesas Technology Corp RA4M1 Datasheet HTML 60Page - Renesas Technology Corp RA4M1 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 57 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
Note 1.
Programming and erasing the flash memory is not possible.
Note 2.
The 14-bit A/D converter cannot be used.
Note 3.
See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK.
2.3.2
Clock Timing
Table 2.21
Operation frequency value in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*3
1.8 to 5.5 V
f
27.8528
32.768
37.6832
kHz
Flash interface clock (FCLK)*1, *3
1.8 to 5.5 V
27.8528
32.768
37.6832
Peripheral module clock (PCLKA)*3
1.8 to 5.5 V
-
-
37.6832
Peripheral module clock (PCLKB)*3
1.8 to 5.5 V
-
-
37.6832
Peripheral module clock (PCLKC)*2, *3
1.8 to 5.5 V
-
-
37.6832
Peripheral module clock (PCLKD)*3
1.8 to 5.5 V
-
-
37.6832
Table 2.22
Clock timing (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
-
-
ns
Figure 2.25
EXTAL external clock input high pulse width
tXH
20
-
-
ns
EXTAL external clock input low pulse width
tXL
20
-
-
ns
EXTAL external clock rising time
tXr
--
5
ns
EXTAL external clock falling time
tXf
--
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
-
-
μs
-
EXTAL external clock input frequency
fEXTAL
-
-
20
MHz
2.4 ≤ VCC ≤ 5.5
-
-
8
1.8 ≤ VCC < 2.4
-
-
1
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1
-
20
MHz
2.4 ≤ VCC ≤ 5.5
1
-
8
1.8 ≤ VCC < 2.4
1
-
4
1.6 ≤ VCC < 1.8
Main clock oscillation stabilization wait time (crystal)*9
tMAINOSCWT
--
-*9
ms
-
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
-
LOCO clock oscillation stabilization time
tLOCO
--
100
μs
Figure 2.26
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
-
MOCO clock oscillation frequency
fMOCO
6.88
9.2MHz
-
MOCO clock oscillation stabilization time
tMOCO
--
1
μs
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com