Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp RA4M1 Datasheet HTML 33Page - Renesas Technology Corp RA4M1 Datasheet HTML 34Page - Renesas Technology Corp RA4M1 Datasheet HTML 35Page - Renesas Technology Corp RA4M1 Datasheet HTML 36Page - Renesas Technology Corp RA4M1 Datasheet HTML 37Page - Renesas Technology Corp RA4M1 Datasheet HTML 38Page - Renesas Technology Corp RA4M1 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 35 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
Note 1.
Except for ports P200, P214, P215, which are input ports.
Note 2.
Except for P212, P213.
Table 2.9
I/O VOH, VOL (3)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 1.6 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
Ports P000 to P015
Low drive
VOH
AVCC0 - 0.3
-
-
V
IOH = -0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle drive
VOH
AVCC0 - 0.3
-
-
IOH = -1.0 mA
VOL
--
0.3
IOL = 1.0 mA
Ports P914, P915
VOH
VCC_USB - 0.3
-
-
IOH = -0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Other output pins*1
Low drive
VOH
VCC - 0.3
-
-
IOH = -0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle
drive*2
VOH
VCC - 0.3
-
-
IOH = -1.0 mA
VOL
--
0.3
IOL = 1.0 mA
Table 2.10
I/O other characteristics
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
RES, P200, P214, P215
| Iin |
-
-
1.0
μA
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5 V-tolerant ports
| ITSI |
-
-
1.0
μA
Vin = 0 V
Vin = 5.8 V
Other ports
(except for ports P200, P214,
P215 and 5 V tolerant)
--
1.0
Vin = 0 V
Vin = VCC
Input pull-up resistor
All ports
(except for ports P200, P214,
P215, P914, P915)
RU
10
20
50
kΩ
Vin = 0 V
Input capacitance
P914, P915,
P100 to P103, P111, P112,
P200
Cin
-
-
30
pF
Vin = 0 V
f = 1 MHz
Ta = 25°C
Other input pins
-
-
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com