Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 5Page - STMicroelectronics L7983 Datasheet HTML 6Page - STMicroelectronics L7983 Datasheet HTML 7Page - STMicroelectronics L7983 Datasheet HTML 8Page - STMicroelectronics L7983 Datasheet HTML 9Page - STMicroelectronics L7983 Datasheet HTML 10Page - STMicroelectronics L7983 Datasheet HTML 11Page - STMicroelectronics L7983 Datasheet HTML 12Page - STMicroelectronics L7983 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
5
Functional description
The L7983 device is a monolithic step-down (“buck”) DC-DC voltage regulator based on a peak current mode,
constant frequency architecture, with integrated control loop compensation network.
The main internal blocks are shown in Figure 2 and can be summarized as follows:
Power section, including high-side and low-side power MOSFETs, gate driver and current sensing
Control loop blocks, including the trans-conductor (gm), the PWM comparator and the slope generator
The control logic for low noise mode (LNM) or low consumption mode (LCM) operation selection and
synchronization to external clock
The frequency programming circuitry for device configuration
Input voltage monitor and enable circuit with soft-start management and RST output signal for sequencing
programming
The low drop-out linear regulator (LDO) and switchover block to improve the power conversion efficiency.
The fault management, including the overcurrent (OCP), the overvoltage (OVP) and overtemperature (OTP)
protection
5.1
Power section
The L7983 integrates both power MOSFETs for synchronous operation; one P-channel (high-side, HS) and one
N-channel (low-side, LS), optimized for fast switching transition and high efficiency over the entire load range. The
power stage is designed to deliver a continuous output current up to 0.3 A.
The HS MOSFET source is connected to the VIN pin, the LS MOSFET source is connected to the GND pin
(power ground). The HS MOSFET drain and LS MOSFET drain are connected together and to the LX pin (see
Figure 2).
The L7983 embodies an anti-shoot-through and adaptive deadtime control to minimize low-side body diode
conduction time and consequently reduce power losses. This feature is implemented by comparing LX with HS
and LS gate driving voltage.
Following the HS turn-off, the LS MOSFET is suddenly switched on as soon as the voltage at the LX pin
drops
Following the LS turn-off, the HS MOSFET is suddenly switched on as soon as the gate driving voltage of
LS drops
If the current flowing in the inductor is negative (i.e. from VOUT to VIN), the voltage on the LX pin can’t drop after
HS MOS turn-off. A watchdog controller is implemented to allow the LS MOSFET to turn on even in this case,
allowing the negative current of the inductor to flow to ground. This mechanism allows the system to regulate
even if the current is negative (if LNM mode is enabled).
5.2
Control loop and voltage programming
The L7983 is based on a constant frequency peak current mode architecture.
Thanks to integrated compensation network and slope generation, no additional external components are
necessary for loop stabilization.
L7983
Functional description
DS13354 - Rev 1
page 9/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com