Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 28Page - STMicroelectronics L7983 Datasheet HTML 29Page - STMicroelectronics L7983 Datasheet HTML 30Page - STMicroelectronics L7983 Datasheet HTML 31Page - STMicroelectronics L7983 Datasheet HTML 32Page - STMicroelectronics L7983 Datasheet HTML 33Page - STMicroelectronics L7983 Datasheet HTML 34Page - STMicroelectronics L7983 Datasheet HTML 35Page - STMicroelectronics L7983 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
6.4
L7983PU50R - Evaluation board
In this section the L7983PU50R (VOUT = 5 V fixed) evaluation board is described.
The board schematic is shown in Figure 22 and the PCB layout is depicted in Figure 23 and Figure 24.
The main features are:
Programmed VOUT = 5 V (fixed)
Max. IOUT = 300 mA
Selected FSW = 1 MHz
VBIAS = VOUT (switch-over enabled)
Table 11. L7983PU50R evaluation board component list (BOM)
Reference
Part
Package
Details
Manufacturer P/N
C1
1 μF
1206
X7R/100V/10%
TDK C3216X7R2A105K
C2
2.2 μF
0805
X7R/16V/10%
TDK C2012X7R1C225K
C3
470 nF
0603
X7R/16V/10%
C4, C5, C10
N.M.
C6
100 nF
0603
X7R/16V/10%
L1
47 μH
4x4 mm
0.56 A sat/ 650 mΩ
COILCRAFT LPS4018-473M
R1, R4, R9
0 Ω
0603
R2, R3, R7, R10
N.M.
R5, R6, R8
100 kΩ
0603
1% tolerance
U1
L7983
DFN10_3x3
STM L7983PU50R
Figure 37. 5 V fix efficiency (LCM)
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
Output current [A]
12 V
24 V
36 V
48 V
60 V
Figure 38. 5 V fix load regulation (LCM)
4.98
5
5.02
5.04
5.06
5.08
5.1
0
0.05
0.1
0.15
0.2
0.25
0.3
Output current [A]
12V
24V
36V
48V
60V
L7983
L7983PU50R - Evaluation board
DS13354 - Rev 1
page 32/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com