Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 32Page - STMicroelectronics L7983 Datasheet HTML 33Page - STMicroelectronics L7983 Datasheet HTML 34Page - STMicroelectronics L7983 Datasheet HTML 35Page - STMicroelectronics L7983 Datasheet HTML 36Page - STMicroelectronics L7983 Datasheet HTML 37Page - STMicroelectronics L7983 Datasheet HTML 38Page - STMicroelectronics L7983 Datasheet HTML 39Page - STMicroelectronics L7983 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Table 12. DFN10 (3 x 3 x 0.8 mm) mechanical data
SYMBOL
Dimensions (mm)
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.0
0.02
0.05
A3
0.20 Ref.
b
0.16
0.23
0.28
D
3.00 BSC
D2
0.27
0.42
0.52
e
0.50 BSC
E
3.0 BSC
E2
0.63
0.78
0.88
L
0.30
0.40
0.50
K
0.20
N
10
NE
5
Figure 44. DFN10 (3 x 3 x 0.8 mm) recommended footprint
L7983
DFN10 (3 x 3 x 0.8 mm) package information
DS13354 - Rev 1
page 36/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com