Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 24Page - STMicroelectronics L7983 Datasheet HTML 25Page - STMicroelectronics L7983 Datasheet HTML 26Page - STMicroelectronics L7983 Datasheet HTML 27Page - STMicroelectronics L7983 Datasheet HTML 28Page - STMicroelectronics L7983 Datasheet HTML 29Page - STMicroelectronics L7983 Datasheet HTML 30Page - STMicroelectronics L7983 Datasheet HTML 31Page - STMicroelectronics L7983 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
6.2
L7983PUR - Evaluation board
In this section the L7983PUR (adjustable VOUT) evaluation board is described.
The board schematic is shown in Figure 22 and the PCB layout is depicted in Figure 23 and Figure 24.
The main features are:
Programmed VOUT = 12 V
Max. IOUT = 300 mA
Selected FSW = 1 MHz
VBIAS = VOUT (switch-over enabled)
Table 9. L7983PUR evaluation board component list (BOM)
Reference
Part
Package
Details
Manufacturer P/N
C1
1 μF
1206
X7R/100V/10%
TDK C3216X7R2A105K
C2
1 μF
1206
X7R/100V/10%
TDK C3216X7R2A105K
C3
470 nF
0603
X7R/16V/10%
C4, C5, C10
N.M.
C6
100 nF
0603
X7R/16V/10%
L1
68 μH
4x4 mm
0.46 A sat/ 950 mΩ
COILCRAFT LPS4018-683M
R1
510 kΩ
0603
1% tolerance
R2
39 kΩ
0603
1% tolerance
R3, R7
N.M.
R4, R9, R10
0
0603
R5, R6, R8
100 kΩ
0603
1% tolerance
U1
L7983
DFN10_3x3
STM L7983PUR
Figure 25. 12 V efficiency (LCM)
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.01
0.1
Output current [A]
18V
24V
36V
48V
60V
0.001
Figure 26. 12 V load regulation (LCM)
11.85
11.9
11.95
12
12.05
12.1
0
0.05
0.1
0.15
0.2
0.25
0.3
Output current [A]
18V
24V
36V
48V
60V
L7983
L7983PUR - Evaluation board
DS13354 - Rev 1
page 28/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com