Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 35Page - STMicroelectronics L7983 Datasheet HTML 36Page - STMicroelectronics L7983 Datasheet HTML 37Page - STMicroelectronics L7983 Datasheet HTML 38Page - STMicroelectronics L7983 Datasheet HTML 39Page - STMicroelectronics L7983 Datasheet HTML 40Page - STMicroelectronics L7983 Datasheet HTML 41Page - STMicroelectronics L7983 Datasheet HTML 42Page - STMicroelectronics L7983 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Contents
1
Application schematic and block diagram ..........................................3
1.1
Application circuit .............................................................. 3
2
Pin settings........................................................................4
3
Absolute maximum ratings ........................................................5
3.1
Thermal characteristics ......................................................... 5
3.2
ESD protection ................................................................ 5
3.3
Operating conditions............................................................ 6
4
Electrical characteristics...........................................................7
5
Functional description .............................................................9
5.1
Power section ................................................................. 9
5.2
Control loop and voltage programming ............................................ 9
5.2.1
LNM/LCM selection and synchronization ..................................... 12
5.3
Switching frequency programming and dithering ................................... 15
5.4
Enable and Reset ............................................................. 17
5.5
VCC and switchover ........................................................... 19
5.6
Fault management ............................................................ 19
5.6.1
Overcurrent protection (OCP) .............................................. 20
5.6.2
Overvoltage protection (OVP) .............................................. 22
5.6.3
Overtemperature protection (OTP) .......................................... 22
5.7
Application design guidelines ................................................... 23
5.7.1
Input capacitor selection .................................................. 23
5.7.2
Inductor selection ....................................................... 23
5.7.3
Output capacitor selection................................................. 23
5.7.4
Layout considerations .................................................... 24
5.7.5
Thermal considerations................................................... 25
6
Evaluation board .................................................................26
6.1
Schematic and PCB layout ..................................................... 26
6.2
L7983PUR - Evaluation board ................................................... 28
6.3
L7983PU33R - Evaluation board................................................. 30
L7983
Contents
DS13354 - Rev 1
page 39/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com