Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 14Page - STMicroelectronics L7983 Datasheet HTML 15Page - STMicroelectronics L7983 Datasheet HTML 16Page - STMicroelectronics L7983 Datasheet HTML 17Page - STMicroelectronics L7983 Datasheet HTML 18Page - STMicroelectronics L7983 Datasheet HTML 19Page - STMicroelectronics L7983 Datasheet HTML 20Page - STMicroelectronics L7983 Datasheet HTML 21Page - STMicroelectronics L7983 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
If the EN pin is forced lower than VENL the switching activity is stopped. The L7983 can further reduce the input
current as soon as EN is forced lower than the VWAKEUPL threshold. When this occurs the input current is reduced
to ISHTDWN = 2.3 µA (typ.).
Figure 15. Turn-off example
A divider from VIN can be used to program the input voltage threshold for controlled power-up, as shown in
Figure 16.
The EN pin is VIN compatible.
Figure 16. Input voltage turn-on threshold programming
VIN
EN/UVLO
FSW
VCC
LX
VOUT(FB)
VBIAS
RST
LNM/LCM
GND
EP
During the soft-start, the L7983 is not allowed to sink current from the output, also if LNM operation is selected.
This feature is intended to guarantee the proper power-up also in case of output voltage pre-bias condition.
Following the L7983 turn-on, if the output voltage (sensed through the VOUT(FB) pin) is detected higher than the
VRSTTHR threshold, the RST pin is left floating.
During the operation, the RST pin is asserted low if the output voltage is found lower than the VRSTTHR -
VRSTHYST threshold, i.e. a typical 2% hysteresis is implemented.
L7983
Enable and Reset
DS13354 - Rev 1
page 18/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com