Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 29Page - STMicroelectronics L7983 Datasheet HTML 30Page - STMicroelectronics L7983 Datasheet HTML 31Page - STMicroelectronics L7983 Datasheet HTML 32Page - STMicroelectronics L7983 Datasheet HTML 33Page - STMicroelectronics L7983 Datasheet HTML 34Page - STMicroelectronics L7983 Datasheet HTML 35Page - STMicroelectronics L7983 Datasheet HTML 36Page - STMicroelectronics L7983 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Figure 39. 5 V fix efficiency (LNM)
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
0.3
Output current [A]
12V
24V
36V
48V
60V
Figure 40. 5 V fix load regulation (LNM)
4.98
4.99
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
0
0.05
0.1
0.15
0.2
0.25
0.3
Output current [A]
12V
24V
36V
48V
60V
Figure 41. 5 V fix input current, no load (LCM)
0
5
10
15
20
25
30
35
10
15
20
25
30
35
40
45
50
55
60
Input voltage [V]
Quiescent
Shutdown
Figure 42. 5 V fix input current, no load (LNM)
0
200
400
600
800
1000
1200
1
1.5
2
2.5
3
3.5
4
10
15
20
25
30
35
40
45
50
55
60
Input voltage [V]
IIN
FSW
L7983
L7983PU50R - Evaluation board
DS13354 - Rev 1
page 33/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com