Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 19Page - STMicroelectronics L7983 Datasheet HTML 20Page - STMicroelectronics L7983 Datasheet HTML 21Page - STMicroelectronics L7983 Datasheet HTML 22Page - STMicroelectronics L7983 Datasheet HTML 23Page - STMicroelectronics L7983 Datasheet HTML 24Page - STMicroelectronics L7983 Datasheet HTML 25Page - STMicroelectronics L7983 Datasheet HTML 26Page - STMicroelectronics L7983 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
5.7
Application design guidelines
5.7.1
Input capacitor selection
The input capacitor must be rated for the maximum input operating voltage and the maximum expected RMS
input current.
Since the step-down converters' input current is a sequence of pulses from 0A to IOUT, the input capacitor must
absorb the equivalent RMS current which can be up to the load current divided by two (worst case, with duty cycle
of 50%). For this reason, the quality of these capacitors must be very high to minimize the power dissipation
generated by the internal ESR, thereby improving system reliability and efficiency.
The RMS input current (flowing through the input capacitor) is roughly estimated by:
ICIN,RMS≅IOUT⋅ D⋅ 1−D
(4)
Considering D = VOUT / VIN the theoretical DC-DC conversion ratio, the above equation provides a maximum
value equal to IOUT / 2 when D = 0.5.
The amount of the input voltage ripple can be roughly estimated by Eq. (5).
VIN,PP=D⋅ 1−D ⋅IOUT
CIN⋅FSW +RES,IN⋅IOUT
(5)
In case of MLCC ceramic input capacitors, the equivalent series resistance (RES,IN) is almost negligible.
The suggested component is a ceramic MLCC capacitor with value 1 µF or higher, with adequate voltage rating
(100 V typ.), placed as close as possible to the VIN and GND pins.
Very fast VIN transitions must be avoided to guarantee the proper operation. Additional input voltage filtering must
be implemented in case of expected VIN transitions faster than 0.1 V/μs.
5.7.2
Inductor selection
In low consumption mode (LCM) the light load operation is implemented with constant current pulses (ISKIP = 80
mA typ., as described in Section 5.2.1 ). In LCM, to achieve a smooth transition from discontinuous to
continuous operation, i.e. from pulse skipping to constant frequency working mode, the inductor should be
selected assuming a target current ripple close to ISKIP.
L=VOUT⋅ 1−VOUTVIN
ISKIP⋅FSW
(6)
In low noise mode (LNM) the inductance value is typically selected in order to keep the current ripple in the range
20% - 40% of the maximum DC output current. However, in order to prevent the sub-harmonic instability in the
peak current mode control loop, a fixed slope compensation mechanism is implemented in L7983 by adding a
current ramp to the sensed current (see Figure 4). This approach is effective if the inductor current ripple, in the
expected input voltage range, is comparable with the above-mentioned added slope.
In conclusion, Eq. (6) is the reference design equation for inductor selection, independent of selected working
mode (LNM or LCM).
5.7.3
Output capacitor selection
In LNM working mode, the current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge and discharge of the output capacitor) and
the resistive component (due to the voltage drop across its ESR). The output capacitor must be selected in order
to have a voltage ripple compliant with the application requirements.
The amount of the voltage ripple can be estimated starting from the current ripple obtained by the inductor
selection. Assuming ∆IL is the inductor current ripple, the output voltage ripple is roughly estimated by Eq. (7).
ΔVOUT,PP,LNM≈ΔIL⋅RES,OUT+ ΔIL
8⋅FSW⋅COUT
(7)
The ESR contribution is usually negligible in case of multi-layer ceramic capacitor (MLCC), which is the most
common choice for the L7983 typical solution. Neglecting the ESR contribution, the minimum value of the output
capacitor to guarantee the target output voltage ripple specification in LNM is estimated by:
L7983
Application design guidelines
DS13354 - Rev 1
page 23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com