Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7983
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7983 Datasheet HTML 15Page - STMicroelectronics L7983 Datasheet HTML 16Page - STMicroelectronics L7983 Datasheet HTML 17Page - STMicroelectronics L7983 Datasheet HTML 18Page - STMicroelectronics L7983 Datasheet HTML 19Page - STMicroelectronics L7983 Datasheet HTML 20Page - STMicroelectronics L7983 Datasheet HTML 21Page - STMicroelectronics L7983 Datasheet HTML 22Page - STMicroelectronics L7983 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
In case of overvoltage detection (OVP), the RST pin is asserted low. A 2% hysteresis (typ.) is required before
releasing RST.
Figure 17. Output voltage and RST behavior
VTHR
VTHR-HYST
VOUT
RST
Td
A built-in 2 ms typ. delay is always implemented before releasing RST.
5.5
VCC and switchover
The internal LDO (low drop-out) linear regulator is turned on when VIN is higher than the VINH threshold and EN
pin is detected above VWAKEUPH. The output voltage is available on pin VCC, which must be properly bypassed to
GND by 470 nF ceramic capacitor. No external load is expected on VCC pin.
The switchover function is enabled in case VBIAS is detected higher than the SWO threshold (refer to Table 7).
When this occurs, the internal LDO power supply is switched from VIN to VBIAS, so increasing the power
conversion efficiency. This is the typical case when VBIAS is connected to the regulator output.
If the programmed output voltage is lower than the SWO threshold and no auxiliary rail lower than VIN is
available, VBIAS must be connected to GND (refer to Figure 29, Figure 35 and Figure 41 for no load input current
in typical application conditions).
5.6
Fault management
The L7983 fault management is continuously monitoring the inductor current, the output voltage and the device
junction temperature.
Furthermore, thanks to the input UVLO (undervoltage lock-out) circuitry, the switching activity is guaranteed only
with the proper VIN level. All the protections are auto-recovery.
L7983
VCC and switchover
DS13354 - Rev 1
page 19/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com