Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 147 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 147 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 143Page - NEC UPD17P136ACT Datasheet HTML 144Page - NEC UPD17P136ACT Datasheet HTML 145Page - NEC UPD17P136ACT Datasheet HTML 146Page - NEC UPD17P136ACT Datasheet HTML 147Page - NEC UPD17P136ACT Datasheet HTML 148Page - NEC UPD17P136ACT Datasheet HTML 149Page - NEC UPD17P136ACT Datasheet HTML 150Page - NEC UPD17P136ACT Datasheet HTML 151Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
128
13.3 A/D CONVERTER
µPD17134A subseries contains an 8-bit resolution A/D converter with 4-channel analog input (P0C0/ADC0 - P0C3/
ADC3).
The A/D converter uses the successive approximation method. The following two operation modes are available:
(1) Successive mode: 8-bit A/D conversion occurs starting at high-order bits.
(2) Single mode: Comparison occurs with an arbitrary voltage value set in the 8-bit data register.
13.3.1 A/D Converter Configuration
Figure 13-13 shows the A/D converter configuration.
Figure 13-13. Block Diagram of the A/D Converter
Cautions 1. The 8-bit data register (ADCR) is cleared to 00H when the STOP instruction has been
executed.
2. If the HALT instruction is executed during A/D conversion, a current keeps flowing between
VADC and GND.
ADCSOFT
ADCCMP ADCEND
ADCSTRT
00
0 ADCCH1
0
ADCCH0
RF:20H
RF:21H
Internal bus
00
RF:22H
Remark n = 0 to 3
Read signal
P0CnIDI
P0CBIOn
P0Cn/ADCn
VADC
Selector
Output
latch
Selector
4
3R/2
R
R
R/2
Tap decoder
Comparator
D/A converter
8-bit data register
(ADCR)
8
Control circuit
8
A/D end signal
STOP instruction signal
Analog power of
A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com