Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 149 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 149 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 145Page - NEC UPD17P136ACT Datasheet HTML 146Page - NEC UPD17P136ACT Datasheet HTML 147Page - NEC UPD17P136ACT Datasheet HTML 148Page - NEC UPD17P136ACT Datasheet HTML 149Page - NEC UPD17P136ACT Datasheet HTML 150Page - NEC UPD17P136ACT Datasheet HTML 151Page - NEC UPD17P136ACT Datasheet HTML 152Page - NEC UPD17P136ACT Datasheet HTML 153Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
130
Figure 13-14. A/D Converter Control Register (1/2)
Remarks 1.
In the single mode, the flag content is
valid for the third and subsequent in-
structions after ADCSTRT is set (1) or
data is set in ADCR until ADCSTRT or
ADCR is set again.
2.
In the successive mode, a value changes
according to an A/D conversion value.
However, the bit for this value cannot be
identified.
3.
ADCCMP is automatically cleared to 0
when “PUT ADCR, DBF” instruction is
executed.
Bit 3
Bit 2
Bit 1
Bit 0
R/W
0
00
0
0
ADCEND
End of A/D conversion
Read/write
Initial value when reset
0
ADCCMP Compare result (valid only in the single mode)
1
0
ADCSOFT
A/D operation mode selection flag
Successive mode
1
Single mode
RF: 21H
Read = R, write = W
ADCSOFT
0
ADCCMP ADCEND
1
R
Initial status or during A/D conversion.
Indicates the end of A/D conversion in
successive mode.
Cleared to 0 by setting (1) or resetting
ADCSTRT.
Analog input voltage is lower than output
voltage of the internal D/A converter.
Analog input voltage is higher than output
voltage of the internal D/A converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com