Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 46Page - STMicroelectronics STPMIC1APQR Datasheet HTML 47Page - STMicroelectronics STPMIC1APQR Datasheet HTML 48Page - STMicroelectronics STPMIC1APQR Datasheet HTML 49Page - STMicroelectronics STPMIC1APQR Datasheet HTML 50Page - STMicroelectronics STPMIC1APQR Datasheet HTML 51Page - STMicroelectronics STPMIC1APQR Datasheet HTML 52Page - STMicroelectronics STPMIC1APQR Datasheet HTML 53Page - STMicroelectronics STPMIC1APQR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 140 page
background image
5.3
POWER_UP, POWER_DOWN sequence
The STPMIC1 starts and stops regulators following sequential rank procedures called respectively POWER_UP
and POWER_DOWN.
During POWER_UP each regulator is started at one of the 4-rank phase programmed in NVM.
RANK0 means that the regulator is not started.
Default rank is defined:
For BUCKs: Section 6.7.2 NVM BUCK rank shadow register (NVM_BUCKS_RANK_SHR)
For LDO1, 2, 3, 4: Section 6.7.3 NVM LDOs rank shadow register 1 (NVM_LDOS_RANK_SHR1)
For LDO5, 6, REFDDR: Section 6.7.4 NVM LDOs rank shadow register 2 (NVM_LDOS_RANK_SHR2)
Default voltage is defined:
For BUCKs: Section 6.7.5 NVM BUCKs voltage output shadow register (NVM_BUCKS_VOUT_SHR)
For LDO1, 2, 3, 4: Section 6.7.6 NVM LDOs voltage output shadow register 1 (NVM_LDOS_VOUT_SHR1
For LDO5, 6, REFDDR: Section 6.7.7 NVM LDOs voltage output shadow register 2 (NVM_LDOS_VOUT_SHR2)
During POWER_DOWN regulators are shutdown in reverse order than POWER_UP.
Figure 54. STPMIC1 POWER_UP and POWER_DOWN sequence example shows an example of power cycle.
Figure 54. STPMIC1 POWER_UP and POWER_DOWN sequence example
POWER_UP
6.7ms
POWER_ON
RSTn
OFF
Turn_ON condition
CHECK&
LOAD
STPMIC1 State
RANK1 RANK2 RANK3
BUCK3 (Rank1)
ENA bit
BUCK1 (Rank2)
ENA bit
POWER_DOWN
RANK0 RANK3 RANK2 RANK1
LDO4 (Rank3)
ENA bit
BUCK2 (Rank0)
ENA bit
rst
OFF
Enable Buck2
by I²C
Turn_OFF condition
3 ms
3 ms
3 ms
3 ms
3 ms
3 ms
3 ms
100 µs
POWER_UP
The STPMIC1 enables regulators sequentially by 3 ms slots:
RANK1 (BUCK3) -> RANK2 (BUCK1) -> RANK3 (LDO4) regulators, this sequence example is related to the
STPMIC1.
RANK0 regulators (eg BUCK2) are not started.
RSTn is asserted by the STPMIC1 until all regulators on. Then it deasserts RSTn and switches to POWER_ON
as soon as RSTn is deasserted by the application processor (RSTn signal goes high).
POWER_ON:
Regulator state and output voltage are driven by settings to registers MAIN or ALTERNATE control registers.
Those registers are by default initialized with values programmed in NVM and can then be changed through I²C.
In the example, BUCK2 (RANK0) is enabled by I²C.
POWER_DOWN:
The STPMIC1 asserts RSTn and immediately shutdowns RANK0 regulators which may have been started by
software. (BUCK2 in upon example).
Then it disables regulators sequentially in rank reverse order by 3 ms slots:
RANK3 (LDO4) -> RANK2 (BUCK1) -> RANK1 (BUCK3)
STPMIC1
POWER_UP, POWER_DOWN sequence
DS12792 - Rev 7
page 50/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com