Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 85 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 81Page - STMicroelectronics STPMIC1APQR Datasheet HTML 82Page - STMicroelectronics STPMIC1APQR Datasheet HTML 83Page - STMicroelectronics STPMIC1APQR Datasheet HTML 84Page - STMicroelectronics STPMIC1APQR Datasheet HTML 85Page - STMicroelectronics STPMIC1APQR Datasheet HTML 86Page - STMicroelectronics STPMIC1APQR Datasheet HTML 87Page - STMicroelectronics STPMIC1APQR Datasheet HTML 88Page - STMicroelectronics STPMIC1APQR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 140 page
background image
6.3.11
Watchdog timer control register (WDG_TMR_CR)
Table 35. WDG_TMR_CR
7
6
5
4
3
2
1
0
WDG_TMR [7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x1C
Type: read/write register
Default: 0x00
Description: watchdog timer control register. This register is initialized to default value upon entering
CHECK&LOAD state.
[7 :0]
WDG_TMR[7:0]: watchdog downcounter period value
Value in second.
0x00 = 1 s
…
0xFF=256 s
STPMIC1
Control registers
DS12792 - Rev 7
page 85/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com