Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 98 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 94Page - STMicroelectronics STPMIC1APQR Datasheet HTML 95Page - STMicroelectronics STPMIC1APQR Datasheet HTML 96Page - STMicroelectronics STPMIC1APQR Datasheet HTML 97Page - STMicroelectronics STPMIC1APQR Datasheet HTML 98Page - STMicroelectronics STPMIC1APQR Datasheet HTML 99Page - STMicroelectronics STPMIC1APQR Datasheet HTML 100Page - STMicroelectronics STPMIC1APQR Datasheet HTML 101Page - STMicroelectronics STPMIC1APQR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
6.4.11
Boost/switch control register (BST_SW_CR)
Table 48. BST_SW_CR
7
6
5
4
3
2
1
0
RESERVED VBUSOTG_DET_DIS SWOUT_PD VBUSOTG_PD OCP_SWOUT_LIM SWOUT_ON VBUSOTG_ON BST_ON
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x40
Type: read/write register
Default: 0x00
Description: boost and power switch control register. Register is set to a default value in CHECK&LOAD.
[7]
RESERVED
[6]
VBUSOTG_DET_DIS: PWR_USB_SW detection circuit disable
0: detection circuit is enabled
1: detection circuit is disabled
[5]
SWOUT_PD: SWOUT (PWR_SW) pull-down activation
0: PD inactive
1: PD active when PWR_SW is disabled (SW_ON bit = 0)
[4]
VBUSOTG_PD: PWR_USB_SW pull-down activation
0: PD inactive
1: PD active when PWR_USB_SW is disabled (VBUSOTG_ON bit = 0)
[3]
OCP_SWOUT_LIM: Overcurrent limit protection of PWR_SW switch
0: limit max. output current to 600 mA
1: limit max. output current to 1.1 A
[2]
SWOUT_ON: PWR_SW switch enable bit
0: PWR_SW disabled
1: PWR_SW enabled
[1]
VBUSOTG_ON: PWR_USB_SW switch enable
0: PWR_USB_SW disabled
1: PWR_USB_SW enabled
[0]
BST_ON: BOOST enable bit
0: BOOST disabled
1: BOOST enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 98/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com