Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 80 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 76Page - STMicroelectronics STPMIC1APQR Datasheet HTML 77Page - STMicroelectronics STPMIC1APQR Datasheet HTML 78Page - STMicroelectronics STPMIC1APQR Datasheet HTML 79Page - STMicroelectronics STPMIC1APQR Datasheet HTML 80Page - STMicroelectronics STPMIC1APQR Datasheet HTML 81Page - STMicroelectronics STPMIC1APQR Datasheet HTML 82Page - STMicroelectronics STPMIC1APQR Datasheet HTML 83Page - STMicroelectronics STPMIC1APQR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
6.3.6
PWR_SWOUT and VIN control register (SW_VIN_CR)
Table 30. SW_VIN_CR
7
6
5
4
3
2
1
0
SWIN_DET_EN
SWOUT_DET_DIS
VINLOW_HYST[1:0]
VINLOW_TRESH[2:0]
VINLOW_MON
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x15
Type: read/write register
Default: 0x00
Description: switch and VIN control register. This register is initialized to default values upon entering to
CHECK&LOAD state.
[7]
SWIN_DET_EN: SWIN detection enable control bit
0: SW_IN detector is enabled only when SW_OUT switch is enabled else SW_IN detector is off
1: SW_IN detector is enabled
[6]
SWOUT_DET_DIS: SWOUT detection disable control bit
0: SWOUT detector is enabled
1 : SWOUT detector is disabled
[5 :4]
VINLOW_HYST[1:0]: VINLOW threshold hysteresis
00: 100 mV
01 : 200 mV
10 : 300 mV
11: 400 mV
[3 :1]
VINLOW_TRESH[2:0]: VINLOW threshold offset
000 : VINOK_Fall + 50 mV
001 : VINOK_Fall + 100 mV
010 : VINOK_Fall + 150 mV
011 : VINOK_Fall + 200 mV
100 : VINOK_Fall + 250 mV
101 : VINOK_Fall + 300 mV
110 : VINOK_Fall + 350 mV
111 : VINOK_Fall + 400 mV
[0]
VINLOW_MON: VINLOW monitoring enable bit
0: VINLOW monitoring is disabled
1: VINLOW monitoring is enabled
STPMIC1
Control registers
DS12792 - Rev 7
page 80/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com