Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 10Page - STMicroelectronics STPMIC1APQR Datasheet HTML 11Page - STMicroelectronics STPMIC1APQR Datasheet HTML 12Page - STMicroelectronics STPMIC1APQR Datasheet HTML 13Page - STMicroelectronics STPMIC1APQR Datasheet HTML 14Page - STMicroelectronics STPMIC1APQR Datasheet HTML 15Page - STMicroelectronics STPMIC1APQR Datasheet HTML 16Page - STMicroelectronics STPMIC1APQR Datasheet HTML 17Page - STMicroelectronics STPMIC1APQR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fREFCLK
Reference
switching
frequency
2
MHz
IQ_BK1
Total quiescent
current
IBUCK1OUT = 0 mA, HP mode
220
300
µA
IBUCK1OUT = 0 mA, LP mode
50
80
IBUCK1IN_LKG
Input leakage
current
BUCK OFF
1
µA
EFFBK1
Efficiency
IBK1OUT=150 mA, TA = +25 °C
86
%
IBK1OUT=750 mA,TA = +25 °C
83
IBK1OUT=1500 mA,TA = +25 °C
70
VOUT1-LO
Load transient
regulation
HP mode; 0<IBK1OUT<1.5 A, ΔIBK1OUT = 450 mA,
tR = tF ~250 ns
15
30
mV
LP mode; 0<IBK1OUT<50 mA, ΔIBK1OUT = 50 mA
tR = tF ~250 ns
5
VOUT1-LI
Line transient
regulation
ΔVBK1IN = 600 mV, ΔIBK1OUT = 0, tR = tF ~10 μs,
HP mode
1.5
5
mV
VOUT1-OVR
Power-up
overshoot
2.8 V<VBK1IN<5.5 V, IBK1OUT~1 mA, TA = +25 °C,
0.725 V<VOUT1<1.5 V
40
mV
tLP-HP-BK1
Recovery time
from LP to HP
mode
VOUT1_LP = VOUT1_HP
20
µs
tSU_BK1
Start-up delay
(delay before
voltage starts to
rise)
2.8 V<VBUCK1IN<5.5 V, refer toFigure 46. BUCKx
start-up/shutdown timings
0.05
0.5
1
ms
tSS_BK1
Soft-start duration
2.8 V<VBUCK1IN<5.5 V, 1 mA<IBK1OUT<100 mA,
VOUT1=1.2 V, refer to Figure 16. Buck4 load
transient in LP mode.
235
400
µs
SRBK1
Output voltage
slew rate
Slew rate during start-up
5.5
mV/µs
DVS slew rate of a voltage programmed change
low to high or high to low, from 0.8 V to 1.2 V
2.3
3.1
mV/µs
tSD_BK1
Shutdown
duration
From VOUT1=1.2 V to VOUT1<0.2 V, VIN=3.6 V,
COUT=22 µF
ms
Slow PD, IBK1OUT<1 mA
1.5
Fast PD, IBK1OUT<1 mA
0.15
Buck converter 2
VBUCK2IN = 3.6 V, VOUT2 = 1.2 V, recommended BOM, Tj = -40 °C to +125 °C, unless otherwise specified
VBUCK2IN
Main input
voltage range
2.8
5.5
V
VOUT2
Output voltage
Programmable value, refer to Table 10. BUCK
output settings
1.0 to 1.5
V
Voltage programming step
50
mV
VOUT2-ACC
Output voltage
accuracy
VBUCK2IN = 2.8 V to 5.5 V, VOUT2 = 1.0 V to 1.5 V
%
HP mode IBK2OUT = 0 to 1.0 A
-2
2
LP mode IBK2OUT = 0 to 50 mA
-4
4
VOUT2-RIPP
Output voltage
ripple
IBK2OUT = 0 mA, HP mode, TA = +25 °C
10
mV
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 14/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com