Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 56Page - STMicroelectronics STPMIC1APQR Datasheet HTML 57Page - STMicroelectronics STPMIC1APQR Datasheet HTML 58Page - STMicroelectronics STPMIC1APQR Datasheet HTML 59Page - STMicroelectronics STPMIC1APQR Datasheet HTML 60Page - STMicroelectronics STPMIC1APQR Datasheet HTML 61Page - STMicroelectronics STPMIC1APQR Datasheet HTML 62Page - STMicroelectronics STPMIC1APQR Datasheet HTML 63Page - STMicroelectronics STPMIC1APQR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 140 page
background image
Table 17. Register data format
b7
b6
b5
b4
b3
b2
b1
b0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Figure 62. I2C read operation
Figure 63. I2C write operation
5.5.2
Non-volatile memory (NVM)
General description
The STPMIC1 built-in non-volatile memory provides a high flexibility to support a wide range of applications:
Its straightforward write management through I2C allows customizing the STPMIC1 directly in final applications
during the product development and mass production.
The NVM is composed of 64 bits customizable parameters (accessible from shadow registers):
•
BUCKs and LDOs regulators:
–
Output voltage: to set the default output voltage at POWER-UP
–
POWER-UP sequence order: RANK regulator starts
•
General:
–
AUTO_TURN_ON: to power up the STPMIC1 automatically when the input voltage rises
–
VINOK_RISE threshold voltage: to select right power-up voltage
–
VINOK_HYST hysteresis voltage: to trigger power-down in case of VIN drop
–
LOCK_OCP: overcurrent protection bit that blocks the STPMIC1 in LOCK_OCP state in case of
short-circuit or overload detection
–
PONKEY long key press functionality – can be configured to reset device
–
I²C slave address
NVM read operation is performed automatically before each POWER_UP sequence to set control registers with
default values and configure POWER_UP and POWER_DOWN sequence.
NVM write operation can be performed several times at product level to:
1.
Customize a pre-programmed device directly from application host processor via I²C interface
(STPMIC1A,STPMIC1B, STPMIC1D and STPMIC1E)
2.
To program a non-programmed device (STPMIC1C) into a final application by connecting a I2C host
programmer to the product via JIG tester
NVM macrocell is designed to provide high reliability: it is composed of complementary memory approach with
two cells per bit (one direct cell and one complementary cell) and during each read operation, NVM controller
check NVM content integrity. If integrity check fails, the STPMIC1 does not start up.
STPMIC1
Programming
DS12792 - Rev 7
page 60/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com