Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 37Page - STMicroelectronics STPMIC1APQR Datasheet HTML 38Page - STMicroelectronics STPMIC1APQR Datasheet HTML 39Page - STMicroelectronics STPMIC1APQR Datasheet HTML 40Page - STMicroelectronics STPMIC1APQR Datasheet HTML 41Page - STMicroelectronics STPMIC1APQR Datasheet HTML 42Page - STMicroelectronics STPMIC1APQR Datasheet HTML 43Page - STMicroelectronics STPMIC1APQR Datasheet HTML 44Page - STMicroelectronics STPMIC1APQR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
Enable/disable – Boost can be enabled in POWER_ON state only by I2C setting of BST_ON bit in BST_SW_CR
register.
Boost can be disabled by I2C clearing BST_ON bit.
Boost is also disabled during POWER_DOWN sequence in RANK0 slot and when overcurrent or overvoltage
condition is present for defined time.
Output discharge – When boost is switched off (BST_ON bit = ‘0’), switching stops immediately and a passive
discharge, enabled on BSTOUT by default, occurs.
Output discharge can be disabled by setting BST_PDbit in Table 29. LDO56_VREF_PD_CR register.
Overvoltage protection – Boost converter has an overvoltage protection. If voltage on BSTOUT pin exceeds
VBSTOVP threshold, LXB pin stops switching immediately, and remains in high impedance state. If the overvoltage
condition lasts for more than tOVPDB_BST, boost is disabled, and BST_OVP interrupt is generated.
OVP event on BSTOUT also disables switches PWR_USB_SW and PWR_SW (if NVM_SWOUT_BOOST_OVP
is set in Table 70. NVM_LDOS_VOUT_SHR1).
Overcurrent protection – Boost implements low-side current sensor with peak current detector (IBSTLIM), and
high-side current sensor with short-circuit detector, (IBSTSH). If the overcurrent condition during HS phase lasts for
more than tOCPDB_BST, boost is disabled, and BST_OCP interrupt is generated.
Start-up sequence Boost start-up sequence consists of 2 phases:
Precharge phase - in this phase, bypass switch operates in “constant current source” mode and charges
boost output capacitor with constant IPRECH_BST current for tPRECH_BST duration. After this time, boost
output voltage is checked. If VBSTOUT > VPRECH =~ (VIN – 0.7 V), boost starts switching and proceeds to
soft-start phase, besides boost is immediately turned off and BST_OCP interrupt is generated
Note:
Boost load during precharge phase must be minimized, from this reason it is necessary to enable
PWR_USB_SW and PWR_SW after the boost soft-start is finished.
Soft-start phase – in this phase boost switches, the inrush current minimizes. Soft-start duration is tSS_BST
Figure 49. Boost start-up sequence
4.5.2
PWR_USB_SW and PWR_SW power switches
PWR_USB_SW is a 500 mA power switch dedicated to supply a USB port (VBUS voltage) and it is compatible
with USB OTG specifications. PWR_USB_SW input is internally connected to boost converter output (BSTOUT).
See Figure 48. Boost and switch block diagram.
Reverse current protection - VBUSOTG pin is a switch with a reverse current protection to prevent leakage
from VBUSOTG pin to BSTOUT or VIN when switch is OFF.
STPMIC1
Boost converter and power switches
DS12792 - Rev 7
page 41/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com