Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 24Page - STMicroelectronics STPMIC1APQR Datasheet HTML 25Page - STMicroelectronics STPMIC1APQR Datasheet HTML 26Page - STMicroelectronics STPMIC1APQR Datasheet HTML 27Page - STMicroelectronics STPMIC1APQR Datasheet HTML 28Page - STMicroelectronics STPMIC1APQR Datasheet HTML 29Page - STMicroelectronics STPMIC1APQR Datasheet HTML 30Page - STMicroelectronics STPMIC1APQR Datasheet HTML 31Page - STMicroelectronics STPMIC1APQR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
LDO4 is a fixed output voltage (3.3 V) LDO and it is dedicated to power supply host processor USB PHY. It is able
to automatically switch among 3 power inputs (VIN, VBUSOTG and BSTOUT) to provide a valid output voltage in
all application use cases, for example to support a discharged battery for Li-Ion/Li-PO battery-powered device.
DDR REF is sink/source reference voltage LDO dedicated to power VREF of lpDDR/DDR.
BUCK1 to BUCK4 are 2 MHz synchronous step-down converters optimized for high efficiency. To improve
transient response, converters use an adaptive constant on-time (COT) controller with a nominal switching
frequency of 2 MHz.
In low power (LP) mode, converters operate in hysteretic mode to minimize quiescent current and improve
efficiency while an excellent transient response is being kept.
Buck controller also supports a dynamic voltage scaling (DVS) capability with an active discharge (voltage
tracking) and a switching phase shifting pi/2 mutual synchronization between converters to reduce switching EMI
radiations.
BOOST is a fixed output voltage 5.2 V synchronous step-up converter dedicated to power supply USB ports
(PWR_USB_SW and/or PWR_SW power switches). In addition to support a step-up conversion for battery
applications (to convert VBAT=3.6 V to VBUS= 5.2 V), this boost converter has been enhanced with a special
bypass circuitry with smooth output voltage transitions to comply USB VBUS tolerance when the application is
powered by a 5 V wall adaptors. This is to compensate voltage tolerance of the voltage source (wall adaptor) and
voltage drop through the PCB from input supply of device to USB port.
PWR_USB_SW is a 500 mA power switch suitable for USB OTG port or USB Type-C DRD. Input is internally
connected to BOOST output. It supports VBUS detection, OCP and the reverse current protection.
PWR_SW is a 1000 mA power switch, that can supply max. 2 USB STD HOST port.
4.2
LDO regulators
4.2.1
LDO regulators - common features
The STPMIC1 has 7 LDO regulators with the following meaning:
•
LDO1, LDO2, LDO5 and LDO6 are general purpose LDOs
•
LDO3 serves for DDR2, DDR3 memory termination (sink-source mode) or for lpDDR2 or lpDDR3 memory
(bypass mode) or for general purpose. For more details refer to Section 4.3 DDR memory sub-system
examples.
•
LDO4 is LDO dedicated to supply 3V3 USB PHY circuit of AP
•
REFDDR – sink/source LDO dedicated to provide a voltage reference for lpDDR/DDR memory
Enable/Disable - LDO can be enabled or disabled:
1.
Automatically during POWER_UP/POWER_DOWN state as described in Section 5.3 POWER_UP,
POWER_DOWN sequence
2.
Manually by setting ENA bit in corresponding Table 40. LDOx_MAIN_CR or Table 45. LDOx_ALT_CR
registers.
VOUT setting – LDO output voltage can be set:
1.
Automatically during POWER_UP/POWER_DOWN state as described in section Section 5.3 POWER_UP,
POWER_DOWN sequence. Default voltage is selected in LDOx_VOUT[1:0] bits of
Table 70. NVM_LDOS_VOUT_SHR1 and Table 71. NVM_LDOS_VOUT_SHR2 registers.
2.
Automatically during MAIN/ALTERNATE mode change by toggling PWRCTRL pin as defined in VOUT[4:0]
field in corresponding Table 40. LDOx_MAIN_CR or Table 45. LDOx_ALT_CR registers.
3.
Manually by setting VOUT[4:0] field of Table 38. BUCKx_MAIN_CR or Table 43. BUCKx_ALT_CR registers.
Refer to Table 9. LDO output voltage settings
STPMIC1
LDO regulators
DS12792 - Rev 7
page 28/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com