Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1APQR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPMIC1APQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1APQR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPMIC1APQR Datasheet HTML 15Page - STMicroelectronics STPMIC1APQR Datasheet HTML 16Page - STMicroelectronics STPMIC1APQR Datasheet HTML 17Page - STMicroelectronics STPMIC1APQR Datasheet HTML 18Page - STMicroelectronics STPMIC1APQR Datasheet HTML 19Page - STMicroelectronics STPMIC1APQR Datasheet HTML 20Page - STMicroelectronics STPMIC1APQR Datasheet HTML 21Page - STMicroelectronics STPMIC1APQR Datasheet HTML 22Page - STMicroelectronics STPMIC1APQR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
EFFBST
Efficiency
IBSTOUT=100 mA, TA = 25 °C
%
89
IBSTOUT=500 mA, TA = 25 °C
89
IBSTOUT=1100 mA, TA = 25 °C
82
VBST-LO
Load transient
regulation
IBSTOUT= 0 A to 0.5 A, ΔVIN = 0, tR = tF ~5 µs
VIN={3.6 V;5 V}
300
mV
IBSTOUT= 0.5 A to 1.0 A, ΔVIN = 0, tR = tF ~5 µs
VIN={3.6 V;5 V}
130
200
VBST-LI
Line transient
regulation
ΔVIN = 5 V+/-250 mV, IBSTOUT = 500 mA, tR = tF
~1 μs
40
mV
VBST-OVR
Power-up
overshoot
3.0 V<VBSTIN<5.2 V, IBSTOUT=0 mA
300
mV
IPRECH_BST
Precharge
current
220
mA
tPRECH_BST
Maximum
precharge
duration
IBSTOUT=0 mA
1
ms
tSS_BST
Soft-start duration
IBSTOUT=0 mA
500
µs
RDSON-BYP
Bypass switch
ON-resistance
IBSTOUT=300 mA, VIN = 5.3 V
115
mΩ
PWR_USB_SW switch
VBSTOUT=5.2 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
RDSON-VBUSOTG
Switch ON-
resistance
IVBUSOTG=300 mA
145
250
mΩ
IVBUSOTG
Continuous
output current
0.5
mA
IVBUSOTGOCP
Overcurrent limit
0.55
A
IVBUSOTG_SH
Short-circuit
threshold
1.1
A
tSS_VBUSOTG
Soft-on/off
duration
3
ms
tVBUSOTGDB
VBUSOTG det.
debounce time
30
ms
VVBUSOTG_Rise
VBUSOTG rise
threshold
3.6
3.8
4.0
V
VVBUSOTG_Fall
VBUSOTG fall
threshold
2.0
2.2
2.4
V
PWR_SW switch
VSWIN = 5.2 V, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
RDSON-SWOUT
Switch ON-
resistance
ISWOUT=300 mA
100
200
mΩ
ISWOUT
Continuous
output current
1
A
ISWOUTOCP
Overcurrent limit
OCP_SWOUT_LIM = 0
0.6
A
OCP_SWOUT_LIM = 1
1.1
A
ISWOUT_SH
Short-circuit
threshold
1.1
A
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 19/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com