Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 49Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 50Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 51Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 52Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 53Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 54Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 55Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 56Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
Table 11. Turn-on description
Name
Turn-ON
condition
source
Configuration
Active condition
description
Debounce
Interrupt
PONKEY
PONKEYn
pin
N/A
Active low
30 ms
PKEY_RI/PKEY_FA in
INT_PENDING_R1
VBUS
(VBUSOTG)
VBUSOTG
pin
Can be disable by
settingVBUSOTG_DET_DIS bit
in Table 48. BST_SW_CR
VBUSOTG >
VBUSOTG_Rise
30 ms
VBUSOTG_RI/
VBUSOTG_FA in
INT_PENDING_R1
VBUS
(SWOUT)
SWOUT pin
Can be disable by setting
SWOUT_DET_DIS bit in
Table 30. SW_VIN_CR
SWOUT >
SWOUT_Rise
30 ms
SWOUT_RI/
SWOUT_FA in
INT_PENDING_R1
WAKEUP
WAKEUP pin
N/A
Active high
No
debounce
WKP_RI/WKP_FA
in
INT_PENDING_R1
The STPMIC1 manages 2 different scenarios depending if the turn-ON condition is active before or after VIN rises
above VIN_POR_Rise.
Active Turn-ON condition after VIN rises above VIN_POR_Rise sequence is presented in Figure 57. Turn-on
condition after VIN_POR_RISE.
Figure 57. Turn-on condition after VIN_POR_RISE
t1: VIN rises above VIN_POR_Rise while no turn-ON condition is detected active. The STPMIC1 performs the
PRELOAD_NVM and swiches to OFF-state.
t2: the STPMIC1 starts detecting the activity on turn-ON condition but the detection threshold above is not stable.
t3: turn-ON signal has been detected stable longer than debounce time. Turn-ON event triggered. Switch to
CHECK&LOAD then POWER_UP as VIN > VINOK_Rise.
t3 to t4: turn-ON conditions are ignored from CHECK&LOAD to POWER_ON.
t4: turn-ON condition is ignored and does not affect the usual STPMIC1 behavior in POWER_ON. (Except
PONKEY long key press. See Section 5.4.3 Turn-OFF conditions and restart_request). Active turn-ON signal
does not prevent from POWER_DOWN.
t5: active turn-OFF condition event occurs from a valid source. Switch to POWER_DOWN.
t5 to t6: active turn-ON during POWER_DOWN is ignored.
t7: New turn-ON signal rising edge has been detected after debounce time. A valid turn-ON condition is detected.
The STPMIC1 switches to POWER_UP.
STPMIC1
Feature description
DS12792 - Rev 7
page 53/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com