Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 51Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 52Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 53Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 54Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 55Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 56Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 57Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 58Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
Name
Conditions
Power cycle if
RREQ_EN=1
Default value loaded by PKEYLKP_OFF bit in
Table 65. NVM_MAIN_CTRL_SHR
Request duration for the long key press defined in PKEY_LKP_TMR[3:0] in
Table 31. PKEY_TURNOFF_CR
PONKEYn signal is asserted for a duration > PKEY_LKP_TMR[3:0]
Thermal shutdown
STPMIC1 functional temperature is exceeded. Refer to
Section 5.4.6 Thermal protection
STPMIC1 always restart
automatically whatever
restart_request option.
Overcurrent
protection
STPMIC1 detects overcurrent on a regulator. Refer to
Section 5.4.7 Overcurrent protection (OCP)
NO
Watchdog
Watchdog feature active and downcounter reach 0. Refer to
Section 5.4.9 Watchdog feature
YES
VIN_OK_Fall
VIN falls down under VIN_OK_Fall threshold.
Depending on VIN decrease speed, proper execution of POWER_DOWN
operation is not guaranteed
YES only if VIN remains
above POR_VIN_Fall
Last turn-OFF condition is stored in Table 20. TURN_OFF_SR.
If restart_request is set, power cycle source is stored in Table 23. RESTART_SR register.
5.4.4
Reset and mask_reset option
RSTn is bidirectional reset pin both for the STPMIC1 and the application processor. It is digital input / open drain
output topology with internal pull-up resistor.
•
When the STPMIC1 asserts RSTn, it drives RSTn signal low (open drain internal transistor). Application
processor is forced in reset state
•
When the STPMIC1 does not assert RSTn, RSTn pin is in high impedance and RSTn signal goes high
(thanks to pull-up resistor) if RSTn signal is not asserted low externally (eg: by a reset push button or from
application processor asserting the reset signal low). In that case, the STPMIC1 RSTn pin becomes digital
input and it monitors RSTn signal
In POWER_ON state, RSTn pin can be driven by the application processor or a reset push-button.
If the application processor asserts RSTn low more than RSTnDB duration, it triggers immediately a reset
sequence of the STPMIC1 by performing a non-interruptible power cycle:
1.
The STPMIC1 asserts RSTn low (forcing AP to keep it in case reset is deasserted by AP)
2.
POWER_DOWN sequence
3.
LOAD&CHECK
4.
POWER_UP sequence
5.
STPMIC1 deasserts RSTn and monitor RSTn
6.
STPMIC1 waits for RSTn signal going high before entering POWER_ON. (To prevent infinite loop of reset
sequence)
LDOs and Bucks follow POWER_DOWN / POWER_UP power cycle from leave state to default one, except if
mask_reset option is specified.
mask_reset option can be defined for each regulator by setting the corresponding MRST bit in corresponding
MRST_CR register.
Eg for BUCK3 : MRST_BUCK3 in Table 32. BUCKS_MRST_CR.
When mask_reset option is set by a regulator, it means that MAIN and ALTERNATE related register do not
change during and after the reset power cycle:
•
POWER_DOWN is not performed
•
MAIN and ALTERNATE register values are not reloaded by NVM and are not reset
The STPMIC1 always ends the power cycle in POWER_ON MAIN mode. (PWRCTRL pin configuration reset).
If reset happens in MAIN mode, the regulator is not impacted at all, keeping VOUT, ENA and PREG_MODE
unchanged.
STPMIC1
Feature description
DS12792 - Rev 7
page 55/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com