Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 54 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 50Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 51Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 52Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 53Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 54Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 55Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 56Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 57Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 140 page
background image
Active turn-ON condition before VIN rises above VIN_POR_Rise sequence is presented in Figure 58. Turn-on
condition before VIN_POR_Rise .
Figure 58. Turn-on condition before VIN_POR_Rise
t1: VIN rises above VIN_POR_RISE while a turn-ON condition is detected active. The STPMIC1 performs the
PRELOAD_NVM and swiches to OFF-state.
t2: the STPMIC1 starts debounce as soon as it is entered OFF-state.
t3: turn-ON condition is confirmed after debounce time. Switch to CHECK&LOAD then POWER_UP as VIN >
VINOK_Rise.
t3 to t4: turn-ON conditions are ignored from CHECK&LOAD to POWER_ON.
t4: turn-ON condition is ignored and does not affect usual STPMIC1 behavior in POWER_ON. (Except PONKEY
long key press. See Section 5.4.3 Turn-OFF conditions and restart_request)
Active turn-ON signal does not prevent from POWER_DOWN.
t5: active turn-OFF condition event occurs from a valid source. Switch to POWER_DOWN.
t5 to t6: Active turn-ON during POWER_DOWN is ignored.
t7: New turn-ON signal rising edge has been detected after debounce time. Valid turn-ON condition detected. The
STPMIC1 switches to POWER_UP.
5.4.3
Turn-OFF conditions and restart_request
Turn-OFF conditions are events or stimulus leading the STPMIC1 to go to OFF-state from a POWER_ON state,
by switching through a POWER_DOWN sequence.
The STPMIC1 is turned OFF by six conditions presented in Table 12. Turn-off conditions.
Some turn-OFF conditions support restart_request option that allows the STPMIC1 to perform a power cycle back
to POWER_ON instead of going to off-state (POWER_DOWN/CHECK&LOAD/POWER_UP) without waiting for a
valid turn-ON condition restarts.
Turn-OFF condition with restart_request option has a similar behavior as a reset power cycle except that
mask_reset option is ignored. Refer to Section 5.4.4 Reset and mask_reset option
restart_request option can be enabled by setting RREQ_EN bit in Table 25. MAIN_CR register, prior to turn-OFF
condition occurrence.
Table 12. Turn-off conditions
Name
Conditions
Power cycle if
RREQ_EN=1
Software switch-
OFF
Writing 1 to SWOFF bit in Table 25. MAIN_CR register
YES
PONKEYn long
key press
PKEYLKP bit set in Table 31. PKEY_TURNOFF_CR
YES
STPMIC1
Feature description
DS12792 - Rev 7
page 54/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com