Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 59 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 55Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 56Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 57Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 58Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 59Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 60Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 61Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 62Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 140 page
background image
Protection
level
LOCK_OCP
(NVM)
OCPOFF
[Rx] bit
STPMIC1 behavior
The STPMIC1 is kept forced in LOCK_OCP state (see Figure 53. STPMIC1 state
machine) until internal LOCK_OCP_FLAG is released by VIN_POR_Fall or optionally
by PONKEYn long key press, if enabled by setting PKEY_CLEAR_OCP_FLAG bit in
Table 31. PKEY_TURNOFF_CR register
5.4.8
BOOST overvoltage protection
See Section 4.5.1 Boost converter.
5.4.9
Watchdog feature
The STPMIC1 offers a watchdog mechanism that triggers a turn-OFF condition when the watchdog down counter
elapses.
Watchdog is disabled by default and it is enabled if WDG_ENA bit is set in Section 6.3.10 Watchdog control
register (WDG_CR).
The watchdog timer downcounter can be set in a range from 1 s to 256 s by 1 s step in Section 6.3.11 Watchdog
timer control register (WDG_TMR_CR).
Watchdog counter is reset by setting WDG_RST bit in Section 6.3.10 Watchdog control register (WDG_CR) and
when setting WDG_ENA from 0 to 1.
When enabled the watchdog timer remains active regardless MAIN or ALTERNATE mode. Watchdog is disabled
by reset, VIN_POR_Fall and turn-OFF.
5.5
Programming
5.5.1
I2C interface
I2C interface works in slave mode. It supports both standard and fast mode with data rate up to 400Kb/s. It
supports also fast mode plus (FM+) with data rate up to 1Mb/s that is suitable frequency for DVS operations.
Please refer to NXP UM10204 revision 5 for specifications.
SCL pin is the input clock used to shift data. SDA pin is the input/output bi-directional data.
Device ID
There is a device ID system to address the STPMIC1.
The address is stored into NVM_I2C_ADDR[6:0] bits in Section 6.7.8 NVM device address shadow register
(I2C_ADDR_SHR). Default address is 0x33.
Table 15. Device ID format
b7
b6
b5
b4
b3
b2
b1
b0
AdrID6
AdrID5
AdrID4
AdrID3
AdrID2
AdrID1
AdrID0
R/W
Read/write operation
Each transaction is composed of a start condition followed by a number of packet number (8-bit long)
representing either a device ID plus R/W command or register address or register data coming to/from slave
Table 15. Device ID format. An acknowledgment is needed after each packet. This acknowledgment is given
by the receiver of the packet. Transaction examples are given in Table 16. Register address format and
Table 17. Register data format. Multi read and multi write operations are supported.
Table 16. Register address format
b7
b6
b5
b4
b3
b2
b1
b0
RegADR7
RegADR6
RegADR5
RegADR4
RegADR3
RegADR2
RegADR1
RegADR0
STPMIC1
Programming
DS12792 - Rev 7
page 59/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com