Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 29Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 30Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 31Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 32Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 33Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 34Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 35Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 36Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
4.3.2
Powering DDR3/DDR3L memory
Figure 41. Powering DDR3/DDR3L memory (LDO3 in sink/source mode)
The example in Figure 41. Powering DDR3/DDR3L memory (LDO3 in sink/source mode) shows how to use LDO3
in sink/source mode to power supply termination resistor network of DDR3/DDR3L memory (aka VTT). LDO3IN is
a power supply from BUCK2 output (VOUT2) and LDO3 output regulate at Vout2/2 voltage.
4.4
Buck converters
4.4.1
BUCK general description
There are 4 buck converters in the STPMIC1 optimised to supply circuits with high current consumption and fast
transient response requirement.
BUCK1 is primarily dedicated to power supply CORE power domain of application processors.
BUCK2 is primarily dedicated to power supply DDR memory.
BUCK3 is primarily dedicated to VIO domain and analog subsystem.
BUCK4 is for general purpose, it can be used to supply CPU power domain of application processors having
CORE and CPU power domain splitted.
All converters are based on an adaptive constant-on-time controller (COT), that guarantees an excellent transient
response and high efficiency across a wide range of operating conditions.
Each converter can work in 2 power modes – HP mode, and LP mode. These modes differ both in performance
and quiescent current consumption. In HP mode the highest performance can be reached, while in LP mode the
performance is lower with a much lower consumption.
Switching frequency of converter is 2 MHz in steady-state CCM condition. During load transient, switching
frequency can be temporarily increased/decreased to provide accurate amount of energy needed and minimize
voltage error. Refer to the figure below.
STPMIC1
Buck converters
DS12792 - Rev 7
page 33/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com