Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 75 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 71Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 72Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 73Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 74Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 75Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 76Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 77Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 78Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
6.3
Control registers
6.3.1
Main control register (MAIN_CR)
Table 25. MAIN_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
OCP_OFF_DBG
PWRCTRL_POL
PWRCTRL_EN
RREQ_EN
SWOFF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x10
Type: read/write register
Default: 0x00
Description: main control register. This register is initialized to default values during CHECK&LOAD state.
[7 :5]
Reserved
[4]
OCP_OFF_DBG: Used as software debug bit to emulate OCP turn-OFF event generation. OCP flags coming from any
regulators are bypassed when this bit is set.
0: OCP event is generated based on flags from regulators.
1: OCP turn-OFF event is generated.
[3]
PWRCTRL_POL: specifies PWRCTRL pin polarity
0: PWRCTRL active low
1: PWRCTRL active high
[2]
PWRCTRL_EN: enable PWRCTRL functionality
0: PWRCTRL enable
1: PWRCTRL disable
[1]
RREQ_EN: allows power cycling on turn-OFF condition
0: power cycling is performed only on RSTn assertion by the application processor
1: Power cycling is performed on turn-OFF condition and on RSTn assertion by the application processor
[0]
SWOFF: Software switch OFF bit
0: no effect
1: switch-OFF requested (POWER_DOWN starts immediately)
STPMIC1
Control registers
DS12792 - Rev 7
page 75/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com