Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 65Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 66Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 67Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 68Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 69Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 70Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 71Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 72Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
6.2
Status registers
6.2.1
Turn-ON status register (TURN_ON_SR)
Table 19. TURN_ON_SR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
AUTO
SWOUT
VBUS
WKUP
PKEY
R
R
R
R
R
R
R
R
Address: 0x01
Type: read register only
Default: b000x_xxxx where x depends on turn-ON condition
Description: turn-ON status register. This register stores last condition, which has turned ON the STPMIC1.
Register is set during CHECK&LOAD state following the turn-ON condition.
It is not refreshed or default by restart and default power cycle.
[7 :5]
Reserved
[4]
AUTO: STPMIC1 has automatically turned ON on VIN rising.
0: False
1: True
[3]
SWOUT: last Turn-ON condition was VBUS detection on SWOUT pin.
0: False
1: True
[2]
VBUS: last Turn-ON condition was VBUS detection on VBUSOTG pin
0: False
1: True
[1]
WKUP: last Turn-ON condition was WAKEUP pin detection
0: False
1: True
[0]
PKEY: last Turn-ON condition was PONKEYn detection
0: False
1: True
STPMIC1
Status registers
DS12792 - Rev 7
page 69/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com