Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 23Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 24Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 25Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 26Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 27Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 28Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 29Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 30Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
4
Power regulators and switch description
4.1
Overview
The STPMIC1 has a large input voltage range from 2.8 V to 5.5 V to supply applications from typically 5 V DC
wall-adaptor or from 1-cell 3.6 V Li-Ion / Li-PO battery or from USB port (bus-powered).
The STPMIC1 provides all regulators needed to power supply a complete application:
•
6 LDOs + 1 reference voltage LDO for DDR memories
•
4 step-down (buck) converters
•
1 step-up (boost) converter with a bypass to supply USB sub-system
•
2 power switches to supply USB sub-system
Table 8. General description
Regulator
Output voltage (V)
Programming step(mV)
Rated output
current (mA)
Application use (example)
LDO1
1.7 to 3.3
100
350
GP
LDO2
1.7 to 3.3
100
350
SD-card or GP
LDO3 normal mode
1.7 to 3.3
100
100
lpDDR_1V8 or GP
LDO3 sink/source mode VOUT2 / 2 (BUCK2)
-
+/-120
(+/-200 peak)
DDR3 VTT (termination)
LDO3 bypass mode
LDO3IN-VDROP_LDO3
-
50
lpDDR_1V8
LDO4
3.3 (fixed)
-
50
USB PHY
LDO5
1.7 to 3.9
100
350
Application FlashMem or GP
LDO6
0.9 to 3.3
100
150
GP
REFDDR
VOUT2 / 2 (BUCK2)
-
+/-5
Vref DDR
BUCK1
0.725 to 1.5
25
1500
Application CORE
BUCK2
1 to 1.5
50
1000
lpDDR2/3/4, DDR3/L, DDR4
BUCK3
1 to 3.4
100
500
Application VIO
BUCK4
0.6 to 3.9
25 (0.6 V to 1.3 V)
50 (1.3 V to 1.5 V)
100 (1.5 to 3.9 V)
2000
Application CPU or GP
BOOST
5.2 V (fixed)
-
1100
USB ports
PWR_USB_SW
~BSTOUT
-
500
USB OTG/DRD
PWR_SW
~SWIN
-
1000
USB or GP
LDO1, LDO2, LDO5, LDO6 are general purpose (GP) LDO (low-dropout) linear regulators and can be used to
supply application peripherals.
LDO3 is a multipurpose linear regulator that supports 3 modes:
•
Normal mode: operates as standard LDO with 1.7 to 3.3 V output voltage range (for general purpose use)
•
Sink/source mode: LDO3 operates in sink/source regulation mode to supply termination resistors of DDR3/
DDR3L memory interface (VTT voltage)
•
Bypass mode: LDO3 operates as a simple power switch to supply lpDDR2/3 VDD1 (1.8 V) power domain.
In that case, LDO3IN is supplied by 1.8 V. This is a preferred mode versus normal mode in term of power
efficiency to power supply lpDDR2/3 VDD1
STPMIC1
Power regulators and switch description
DS12792 - Rev 7
page 27/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com