Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1DPQR Datasheet(PDF) 81 Page - STMicroelectronics

Part # STPMIC1DPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1DPQR Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STPMIC1DPQR Datasheet HTML 77Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 78Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 79Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 80Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 81Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 82Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 83Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 84Page - STMicroelectronics STPMIC1DPQR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 140 page
background image
6.3.7
PONKEYn turn-OFF control register (PKEY_TURNOFF_CR)
Table 31. PKEY_TURNOFF_CR
7
6
5
4
3
2
1
0
PKEY_LKP_OFF
PKEY_CLEAR_OCP_FLAG
reserved
reserved
PKEY_LKP_TMR[3:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x16
Type: read/write register
Default: 0bX0000000 where X depends on the value programmed in NVM
Description: PONKEYn turn-OFF control register. This register is initialized to default values during
CHECK&LOAD state.
[7]
PKEY_LKP_OFF:
0: Turn OFF on long key press inactive
1: Turn OFF on long key press active
Default value is defined by PKEYLKP_OFF bit in Table 65. NVM_MAIN_CTRL_SHR
[6]
PKEY_CLEAR_OCP_FLAG:
0: only VIN_POR_Fall can reset LOCK_OCP_FLAG internal signal
1: if PONKEYn pin is pressed for more than PKEY_LKP_TMR[3:0] then LOCK_OCP_FLAG is cleared. This also results
as turn-ON condition for the STPMIC1
[5 :4] reserved
[3 :0]
PKEY_LKP_TMR[3:0]: PONKEYn long key press duration
0000 : 16 s
0001 : 15 s
0010 : 14 s
0011 : 13 s
0100 : 12 s
0101 : 11 s
0110 : 10 s
0111 : 9 s
1000 : 8 s
1001 : 7 s
1010: 6 s
1011 : 5 s
1100 : 4 s
1101 : 3 s
1110 : 2 s
1111 : 1 s
STPMIC1
Control registers
DS12792 - Rev 7
page 81/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com