| Electronic Components Datasheet Search |
|
VSC8221 Datasheet(PDF) 23 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 Datasheet(HTML) 23 Page - Microsemi Corporation |
|
23 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 23 of 26 26 B1 RXLOS/ SiGDET i/O The functionality of this signal pin depends on the value of Mii Register 21E.15 ‘SFP Mode’ which is set at startup. Refer to “Hardware Configuration Using CMODE pins,” page 53 and “EEPROM interface,” page 57 for details on configuration at startup. RXLOS - Receiver Loss of Signal Output (valid in SFP Mode, when Mii Register 21E.15 = 1). This active high signal is asserted when the Cat-5 link goes down. The pulse width of the RXLOS signal is configurable. Refer to Mii Register 30.1:0 for details. SiGDET - SerDes Signal Detect (i/O) (valid in iEEE Mode, when Mii Register 21E.15 = 0). SiGDET can be configured as an input or output and can be configured to function as active low or active high at startup using hardware configuration or the EEPROM interface. Refer to “Hardware Configuration Using CMODE pins,” page 53 or “EEPROM interface,” page 57 for details on configuration at startup. SiGDET as input: When used as an input, the SiGDET signal is meant to be connected to the signal detect output of the fiber optic transceiver. if SiGDET is high, this indicates receive activity on the fiber optic transceiver. if SiGDET is not used as an input, the PHY internally generates the signal detect function, from the incoming data on the TDP and TDN signal pins. SiGDET as Output: For Serial MAC to CAT5 Media PHY Operating modes, SiGDET is asserted if a valid CAT5 link has been established. Table 11. Serial MAC interface Signals (continued) 100 TFBGA BALL Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |