Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 11Page - Microsemi Corporation VSC8221 Datasheet HTML 12Page - Microsemi Corporation VSC8221 Datasheet HTML 13Page - Microsemi Corporation VSC8221 Datasheet HTML 14Page - Microsemi Corporation VSC8221 Datasheet HTML 15Page - Microsemi Corporation VSC8221 Datasheet HTML 16Page - Microsemi Corporation VSC8221 Datasheet HTML 17Page - Microsemi Corporation VSC8221 Datasheet HTML 18Page - Microsemi Corporation VSC8221 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
15 of 26
26
8.2 Ball Locations and Signal Names
Figure 3. Signal Type Descriptions
8.3 Signal Type Descriptions
1
2
3
4
5
6
7
8
9
10
A
MODDEF0/
CLKOUT
RESET
LED1
LED2
CMODE0
TXVPD
TXVPC
TXVPB
TXVPA
XTAL2
A
B
RXLOS/
SiGDET
TDO
LED0
CMODE3
CMODE1
TXVND
TXVNC
TXVNB
TXVNA
XTAL1/
REFCLK
B
C
NC
TCK
TDi
VDDiOC-
TRL
CMODE2
VSS
VSS
VDD33A
VDDREG
REGEN
C
D
NC
NC
TMS
VSS
VSS
VSS
VSS
VSS
VDD33A
REGOUT
D
E
NC
NC
TRST
VSS
VSS
VSS
VSS
VSS
VDD12A
REFREXT
E
F
NC
NC
VDD12
VSS
VSS
VSS
VSS
VDD12
EECLK/
PLLMODE
REFFiLT
F
G
NC
NC
VDD12
VSS
VSS
VSS
VSS
TXDiS/
SRESET
EEDAT
VDD12
G
H
NC
NC
NC
VDDiO
NC
VSS
VDD12
VDDiOMi-
CRO
MDiNT
CLKOUTMi-
CRO/OSC-
DiS
H
J
NC
NC
NC
NC
NC
NC
SCLKP
SCLKN
MODDEF2/
MDiO
MODDEF1/
MDC
J
K
NC
NC
NC
NC
NC
NC
RDN
RDP
TDP
TDN
1
2
3
4
5
6
7
8
9
10
Table 3. Signal Type Descriptions
Symbol
Signal Type
Description
i
Digital input
Standard digital input signal. No internal pull-up or pull-down.
iPU
Digital input with Pull-up
Standard digital input. includes on-chip 100k pull-up to VDDiO,
VDDiOMiCRO,VDDiOCTRL or the VDD33A supply. Refer to Section 15: “Power
Supply and Associated Functional Signals” for details.
iPU5V
Digital input with Pull-up
Standard digital input. includes on-chip 100k pull-up to
VDDiO,VDDiOMiCRO,VDDiOCTRL or the TXVDD supply. Refer to
Section 15: “Power Supply and Associated Functional Signals” for details. This
input pin is 5v tolerant.
iPD
Digital input with Pull-down
Standard digital input. includes on-chip 100k pull-down to GND.
iPD5V
Digital input with Pull-down
Standard digital input. includes on-chip 100k pull-down to GND. This input pin is 5V
tolerant.
iDiFF
Differential input Pair
SerDes differential input pair with 100
Ω or 150Ω differential terminations. Pins
should be AC-coupled with external 0.01
µF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com