Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 5 Page - Microsemi Corporation

  VSC8221 Datasheet HTML 1Page - Microsemi Corporation VSC8221 Datasheet HTML 2Page - Microsemi Corporation VSC8221 Datasheet HTML 3Page - Microsemi Corporation VSC8221 Datasheet HTML 4Page - Microsemi Corporation VSC8221 Datasheet HTML 5Page - Microsemi Corporation VSC8221 Datasheet HTML 6Page - Microsemi Corporation VSC8221 Datasheet HTML 7Page - Microsemi Corporation VSC8221 Datasheet HTML 8Page - Microsemi Corporation VSC8221 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
5 of 5
5
7 DATA SHEET CONVENTIONS
Conventions used throughout this data sheet are specified in the following table.
Table 2. Data Sheet Conventions
Convention
Syntax
Examples
Description
Register
number
RegisterNumber.Bit
or
RegisterNumber.BitRange
23.10
23.12:10
Register 23 (address 17h), bit 10
Register 23 (address 17h), bits 12, 11, and 10
Extended
Page Regis-
ter Number1
1 For more information about Mii Extended Page Registers, refer to Section 22: "PHY Register Set Conventions" on page 63.
RegisterNumberE.Bit
or
RegiesterNumberE.BitRange
23E.10
23E.12:10
Extended Register 23 (address 17h), bit 10
Extended Register 23 (address 17h), bits 12, 11, and 10
Signal name
(active high)
SiGNALNAME2
2 All signal names are in all CAPiTAL LETTERS.
PLLMODE
Signal name for PLLMODE
Signal name
(active low)
SiGNALNAME2
RESET
Active low reset signal
Signal bus
name
BUSNAME[MSB:LSB]2
RXD[4:2]
Receive Data bus, bits 4, 3, and 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com