| Electronic Components Datasheet Search |
|
VSC8221 Datasheet(PDF) 47 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 Datasheet(HTML) 47 Page - Microsemi Corporation |
|
47 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 47 of 48 48 15 ENHANCED ACTIPHY POWER MANAGEMENT in addition to the iEEE-specified power-down control bit (Mii Register 0.11), the VSC8221 implements an Enhanced ActiPHY™ power management mode. This mode enables support for power-sensitive applications by utilizing a signal-detect function that monitors the media interface for the absence of a link to determine when to automatically power-down the PHY. The Station Manager is in control of this mode. The PHY then ‘wakes up’ at a programmable interval and attempts to ‘wake-up’ the link partner PHY by sending a fast link pulse (FLP) on the Media interface. The Enhanced ActiPHY™ power management mode can be set at startup (Refer to Section 18 on page 53 and Section 19 on page 57 for details) or at any time during normal operation by writing to Mii Register 28.6. 15.1 Operation in Enhanced ActiPHY Mode There are three PHY operating states when Enhanced ActiPHYTM mode is enabled: • Low power state • LP Wake up state • Normal operating state (link up state) The PHY switches between the low power state and LP wake up state at a programmable rate (sleep timer) until signal energy has been detected on the media interface pins. When signal energy is detected, the PHY enters the normal operating state. When the PHY is in the normal operating state and link is lost, the PHY returns to the low power state after the link status timeout timer has expired. After reset, the PHY enters the low power state. When auto-negotiation is enabled in the PHY, the ActiPHYTM state machine will operate as described above. if auto-negotiation is disabled and the link is forced to 10BT or 100BTX mode while the PHY is in the low power state, the PHY continues to transition between the low power and LP wakeup states until signal energy is detected on the media pins. At that time, the PHY transitions to the normal operating state and stays in that state even when the link is dropped. if auto-negotiation is disabled while the PHY is in the normal operation state, the PHY stays in that state when the link is dropped and does not transition back to the low power state. Figure 16. Enhanced ActiPHY State Diagram Low Power State LP Wake-up State Normal Operation FLP Sent Sleep timer Expires Timeout timer expires after link has been dropped and auto-negotiation is enabled. Signal Energy Detect on Media (CAT5 or Fiber) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |