Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 47Page - Microsemi Corporation VSC8221 Datasheet HTML 48Page - Microsemi Corporation VSC8221 Datasheet HTML 49Page - Microsemi Corporation VSC8221 Datasheet HTML 50Page - Microsemi Corporation VSC8221 Datasheet HTML 51Page - Microsemi Corporation VSC8221 Datasheet HTML 52Page - Microsemi Corporation VSC8221 Datasheet HTML 53Page - Microsemi Corporation VSC8221 Datasheet HTML 54Page - Microsemi Corporation VSC8221 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
51 of 52
52
17 ADVANCED TEST MODES
17.1 Ethernet Packet Generator (EPG)
For system-level debugging and in-system production testing, the VSC8221 includes an Ethernet packet generator. This can be
used to isolate problems between the MAC and PHY and between a local PHY and remote link partner. it is intended for use
with lab testing equipment or in-system test equipment only, and should not be used when the VSC8221 is connected to a live
network.
To use the EPG, it must be enabled by writing a “1” to Mii Register 29E.15. This effectively disables all MAC-interface transmit
pins and selects the EPG as the source for all data transmitted onto the VSC8221 media interface. For this reason, packet loss
will occur if the EPG is enabled during transmission of packets from MAC to PHY. The MAC receive pins will still be active when
the EPG is enabled, however. if it is necessary to disable the MAC receive pins as well, this can be done by writing a “1” to MII
Register bit 0.10.
When a “1” is written to MII Register Bit 29E.14, the VSC8221 will begin transmitting iEEE802.3 layer-2 compliant packets with
a data pattern of repeating 16-bit words as specified in MII Register 30E. The source and destination addresses for each
packet, packet size, interpacket gap, FCS state and transmit duration can all be controlled through Mii Register 29E. Note that if
MII Register Bit 29E.13 is cleared, MII Register Bit 29E.14 will be cleared automatically after 30,000,000 packets have been
transmitted.
17.2 CRC Counter
When the EPG is enabled, a bad-CRC counter is also available for all incoming packets. This counter is available in MII
Register Bits 23E.7:0 - CRC Counter and is automatically cleared when read.
17.3 Far-End Loopback
Far-end loopback mode, when enabled (Mii Register bit 23.3 = 1), forces incoming data from a link partner on the media
interface to be retransmitted back to the link partner on the media interface as shown in the figure below. in addition, the
incoming data will also appear on the receive data pins (RDP/RDN) of the MAC interface. Data present on the transmit pins of
the MAC interface are ignored in this mode. For more information, please refer to MII Register 23 (Extended PHY Control
Register #1).
Figure 18. Far-end Loopback Block Diagram
Link Partner
VSC8221
Serial
MAC
RX
TX
RDP/RDN
TDP/TDN
CAT-5 or Fiber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com