Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221 Datasheet(PDF) 99 Page - Microsemi Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221 Datasheet(HTML) 99 Page - Microsemi Corporation

Back Button VSC8221 Datasheet HTML 95Page - Microsemi Corporation VSC8221 Datasheet HTML 96Page - Microsemi Corporation VSC8221 Datasheet HTML 97Page - Microsemi Corporation VSC8221 Datasheet HTML 98Page - Microsemi Corporation VSC8221 Datasheet HTML 99Page - Microsemi Corporation VSC8221 Datasheet HTML 100Page - Microsemi Corporation VSC8221 Datasheet HTML 101Page - Microsemi Corporation VSC8221 Datasheet HTML 102Page - Microsemi Corporation VSC8221 Datasheet HTML 103Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
99 of 106
106
17E.15:5 - Reserved
17E.4:2 - RDP/RDN SCLKP/SCLKN Output Swing Control
These bits set the output swing amplitude (peak-to-peak voltage) on the RDP/RDN SCLKP/SCKLN Output Swing output pins.
17E.1 - 25mv Hysteresis Disable
When set, this bit disables the 25mv Hysteresis built into the TDP/TDN and SDiP/SDiN high speed differential input pins.
17E.0 - CLKOUTMiCRO Enable
When set, the CLKOUTMiCRO clock output is enabled.
23.3.3 Register 18E (12h) - Reserved
18E.15:0 - Reserved
23.3.4 Register 19E (13h) - SerDes Control # 2
19E.15:2 - Reserved
19E.1 - SiGDET Pin Direction
This bit is valid in non-SFP modes i.e. when Mii Register 21E.15 is clear. in non-SFP mode, the RXLOS/SiGDET pin behaves
like the SiGDET pin. When set as an input, the assertion of the SiGDET pin enables the SerDes block in Serial MAC to CAT5
category of PHY operating modes. When set as an output in Serial MAC to CAT5 Media operating modes, the SiGDET pin is
asserted when the CAT5 Media link is up. in Fiber Media operating modes, the SiGDET output is asserted if the PHY sees valid
8B/10B encoded signals on the TDP/TDN pins.
19E.0 - SiGDET Pin Polarity
This bits sets the assertion polarity of the SiGDET pins. This bit is valid in both cases i.e when SiGDET is an input or an output.
Register 18E (12h) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000001 11111111
Register 19E (13h) – SerDes Control #2
Bit
Name
Access
States
Reset Value
Sticky
15:2
Reserved
RO
00000000 00000000
1
SiGDET Pin Direction
R/W
0 = input
1 = Output
CMODE
0
SiGDET Pin Polarity
R/W
0 = Active High
1 = Active Low
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com