Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 40 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 36Page - Microsemi Corporation VSC8221HH Datasheet HTML 37Page - Microsemi Corporation VSC8221HH Datasheet HTML 38Page - Microsemi Corporation VSC8221HH Datasheet HTML 39Page - Microsemi Corporation VSC8221HH Datasheet HTML 40Page - Microsemi Corporation VSC8221HH Datasheet HTML 41Page - Microsemi Corporation VSC8221HH Datasheet HTML 42Page - Microsemi Corporation VSC8221HH Datasheet HTML 43Page - Microsemi Corporation VSC8221HH Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
40 of 40
40
Figure 13. MDiO Write Frame
12.3 SMi interrupt
The SMi includes an output signal MDiNT for signaling the Station Manager when certain events occur in the PHY. The MDiNT
pin can be configured for active-low or active-high operation by tying the pin to either a pull-up resistor to VDDiOMiCRO or to a
pull-down resistor to GND.
Figure 14. Logical Representation of MDiNT Pin
MDC
MDIO
Preamble
(optional)
SFD
1
Z1
0
Write
01
PHY Address
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
Register Address
to PHY
10
TA
Register Data from PHY
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Z
Z
Idle
Idle
Z
Station Manager Drives MDIO (PHY tristates MDIO during entire sequence)
MDINT
(to Station Manager)
Interrupt Enable (Register 25.15)
PHY
Interrupt Status (Register 26.15)
4.7k-10k External
Pull-up
at Station Manager
VDDIOMICRO
VSC8221
MDINT
4.7k-10k External
Pull-down
at Station Manager



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com