Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 17 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 13Page - Microsemi Corporation VSC8221HH Datasheet HTML 14Page - Microsemi Corporation VSC8221HH Datasheet HTML 15Page - Microsemi Corporation VSC8221HH Datasheet HTML 16Page - Microsemi Corporation VSC8221HH Datasheet HTML 17Page - Microsemi Corporation VSC8221HH Datasheet HTML 18Page - Microsemi Corporation VSC8221HH Datasheet HTML 19Page - Microsemi Corporation VSC8221HH Datasheet HTML 20Page - Microsemi Corporation VSC8221HH Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
17 of 26
26
G8
TXDiS/
SRESET
iPU
Transmit Disable or Software Reset.
When asserted, it places the PHY in a low power state, which includes disabling the
SerDes interface. Although the device is powered down, non-volatile Serial
Management interface registers retain their values.
TXDiS and SRESET are simply two names for the same function. The assertion
state (active high or low respectively) of this input pin is determined by the value of
Mii Register 21E.15 'SFP MODE' set at startup using Hardware Configuration or
using the EEPROM interface. Refer to “Hardware Configuration Using CMODE
pins,” page 53 and “EEPROM interface,” page 57 for details on configuration at
startup.
Table 5. System Clock interface Signals (SCi)
100
TFBGA
BALL
Signal Name
Type
Description
B10
XTAL1/
REFCLK
i
XTAL1 - Crystal Oscillator input.
Enabled by pulling OSCDiS (internal Oscillator Disabled) high, a 25MHz parallel
resonant crystal, with a +/- 50ppm frequency tolerance, should be connected
across XTAL1 and XTAL2. 33pf capacitors should be connected from XTAL1 and
XTAL2 to ground when using AT cut-type crystal rated for a parallel capacitance
of 20pf. PLLMODE should be left floating (or pulled low) on reset when a 25MHz
crystal is used.
REFCLK - PHY Reference Clock input.
The reference input clock can either be a 25MHz (PLLMODE is low) or 125MHz
(PLLMODE is high) reference clock, with a +/-100ppm frequency tolerance. See
EECLK / PLLMODE pin description for more details.
A10
XTAL2
O
Crystal Output.
25MHz parallel resonant crystal oscillator output. 33pF capacitors should be
connected from both XTAL1 and XTAL2 to ground when using AT cut-type crystal
rated for a parallel capacitance of 20pf. PLLMODE should be left floating (or tied
low) on reset when using the 25MHz crystal.
This output can be left floating if driving XTAL1/REFCLK with a reference clock.
H10
CLKOUTMi-
CRO/ OSCDiS
iPU/O
CLKOUTMiCRO - Clock Output.
This is a 4MHz (default) or a 125MHz output clock depending on the value of Mii
Register 20E.8. The voltage levels of the clock are based on the VDDiOMiCRO
power supply.
OSCDiS - Active Low on-chip Oscillator Disable input.
This input is sampled during the device power-up sequence or on assertion of
RESET. When sampled high, the PHY enables the internal on-chip oscillator
allowing operation with a 25MHz crystal. When sampled low, the PHY’s oscillator
is turned off and the PHY must be supplied with an external 25MHz or 125MHz
clock on the REFCLK pin.
Table 4. Configuration and Control Signals (continued)
100 TFBGA
Ball
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com