Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 85 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 85 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 81Page - Microsemi Corporation VSC8221HH Datasheet HTML 82Page - Microsemi Corporation VSC8221HH Datasheet HTML 83Page - Microsemi Corporation VSC8221HH Datasheet HTML 84Page - Microsemi Corporation VSC8221HH Datasheet HTML 85Page - Microsemi Corporation VSC8221HH Datasheet HTML 86Page - Microsemi Corporation VSC8221HH Datasheet HTML 87Page - Microsemi Corporation VSC8221HH Datasheet HTML 88Page - Microsemi Corporation VSC8221HH Datasheet HTML 89Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
85 of 106
106
22.15 – Disable Link-integrity State Machine1
When bit 22.15 is set to “0”, the VSC8221 link integrity state machine runs automatically. When bit 22.15 is set to “1”, the link
integrity state machine is bypassed and the PHY is forced into link pass status.
22.14 – Disable Jabber Detect1
When bit 22.14 is set to “0”, the VSC8221 automatically shuts off the transmitter when a transmission request exceeds the
iEEE-specified time limit. When bit 22.14 is set to “1”, transmission requests are allowed to be arbitrarily long without shutting
down the transmitter.
22.13 – Reserved
22.12 – SQE Disable Mode2
When bit 22.12 is set to “1”, SQE (Signal Quality Error) pulses are not sent. Note that this control bit applies in 10BASE-T HDX
mode only.
22.11:10 – 10BASE-T Squelch Control2
When bits 22.11:10 are set to “00”, the VSC8221 uses the squelch threshold levels prescribed by the iEEE’s 10BASE-T
specification. When bits 22.11:10 are set to “01”, the squelch level is decreased, which may improve the bit error rate
performance on long loops. When bits 22.11:10 are set to “10”, the squelch level is increased, which may improve the bit error
rate in high-noise environments.
22.9 - Sticky Reset Enable
When bit 22.9 is set, all Mii register bits that are marked with an “S” in the “sticky” column will retain their values during a
software reset. When cleared, all Mii register bits that are marked with an “S” in the “sticky” column will be changed to their
default values during a software reset. Note that bits marked with an “SS” retain their values across software reset regardless of
the setting of bit 22.9.
22.8 – EOF Error2
When bit 22.8 returns a “1”, a defective EOF (End-of-Frame) sequence has been received since the last time this bit was read.
This bit is automatically set to “0” when it is read.
22.7 – 10BASE-T Disconnect State
Bit 22.7 is set to “1” if the 10BASE-T connection has been broken by the carrier integrity monitor since the last read of this bit.
Otherwise, this bit is set to “0”.
22.6 – 10BASE-T Link Status
Bit 22.6 is set to “1” if the 10BASE-T link is active. Otherwise, this bit is set to “0”.
22.5:0 – Reserved
1This bit applies only in 10BASE-T mode.
2This bit applies only in 10BASE-T HDX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com