Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 73 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 69Page - Microsemi Corporation VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation VSC8221HH Datasheet HTML 74Page - Microsemi Corporation VSC8221HH Datasheet HTML 75Page - Microsemi Corporation VSC8221HH Datasheet HTML 76Page - Microsemi Corporation VSC8221HH Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
73 of 106
106
5.14 – LP Acknowledge
Bit 5.14 returns a “1” when the Link Partner signals that it has successfully received the Link Code Word from the local PHY. The
local PHY uses this bit for proper Link Code Word exchange, as defined in Clause 28 of iEEE 802.3.
5.13 – LP Remote Fault
Bit 5.13 returns a “1” when the Link Partner signals that a remote fault (from its perspective) has occurred. The local PHY does
not otherwise use this bit. Note that iEEE Clause-37 provides for two remote fault bits, while Clause-28 provides only a single
remote fault bit. This difference is handled in Extended Mii register bits 16E.2:1 - Remote Fault Mapping Mask and 16E.0 -
Remote Fault Mapping OR. The state of this bit is valid when the Auto-Negotiation Complete bit (1.5) is set.
5.12 – Reserved
5.11 – LP Asymmetric Pause Capability
The LP Asymmetric Pause Capability bit indicates whether the Link Partner has asymmetric pause capability. The state of this
bit is valid when the Auto-Negotiation Complete bit (1.5) is set.
5.10 – LP Symmetric Pause Capability
The LP Symmetric Pause Capability bit indicates whether the Link Partner supports symmetric pause frame capability. This bit
is used by the Link Partner’s MAC to communicate symmetric pause capability to the local MAC. it has no effect on PHY
operation. The state of this bit is valid when the Auto-Negotiation Complete bit (1.5) is set.
5.9:5 – LP Advertise Capability
Bits 5.9:5 reflect the abilities of the Link Partner. A “1” on any of these bits indicates that the Link Partner advertises capability of
performing the corresponding mode of operation. These bits are not available for read in Clause-37 view, but remain valid for
CAT-5 copper media and can be viewed by switching to Clause-28 view.
5.4:0 – LP Advertise Selector Field
Bits 5.4:0 indicate the state of the Link Partner’s Selector Field. The local PHY does not otherwise use these bits.
23.2.7 Register 6 (06h) – Auto-Negotiation Expansion Register
6.15:5 – Reserved
6.4 – Parallel Detection Fault
Parallel Detection Fault returns a “1” when a parallel detection fault occurs in the local auto-negotiation state machine. Once
set, this bit is automatically cleared when (and only when) Register 6 is read.
Register 6 (06h) – Auto-Negotiation Expansion Register
Bit
Name
Access
States
Reset Value
Sticky
15:5
Reserved
RO
00000000000
4
Parallel Detection Fault
RO LH
1 = Parallel detection fault
0
3
LP Next-Page Able
RO
1 = LP Next-Page capable
0
2
Local PHY Next-Page Able
RO
1 = Next-Page capable
1
1
Page Received
RO LH
1 = New page has been received
0
0
LP Auto-Negotiation Able
RO
1 = LP auto-negotiation capable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com