Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 83 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 83 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 79Page - Microsemi Corporation VSC8221HH Datasheet HTML 80Page - Microsemi Corporation VSC8221HH Datasheet HTML 81Page - Microsemi Corporation VSC8221HH Datasheet HTML 82Page - Microsemi Corporation VSC8221HH Datasheet HTML 83Page - Microsemi Corporation VSC8221HH Datasheet HTML 84Page - Microsemi Corporation VSC8221HH Datasheet HTML 85Page - Microsemi Corporation VSC8221HH Datasheet HTML 86Page - Microsemi Corporation VSC8221HH Datasheet HTML 87Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
83 of 106
106
18.5 - Disable Automatic Pair Swap Correction
When set to ‘1’, the automatic pair swap correction feature of the PHY is disabled.
18.4 - Disable Polarity inversion
When set to ‘1’, the automatic polarity inversion feature of the PHY is disabled.
18.3 – Parallel-Detect Control
When bit 18.3 is “1”, Mii Register 4, bits [8:5], are taken into account when attempting to parallel-detect. This is the default
behavior expected by the standard. Setting 18.3 to a “0” will result in auto-negotiation ignoring the advertised abilities, as
specified in Mii Register 4, during parallel detection of a non-auto-negotiating 10BASE-T or 100BASE-TX PHY.
18.2 – Reserved
18.1 – Disable Automatic 1000BASE-T Next-Page Exchanges
Bit 18.1 is used to control the automatic exchange of 1000BASE-T Next-Pages defined in iEEE 802.3-2002 (Annex 40C). When
this bit is set, the automatic exchange of these pages is disabled, and the control is returned to the user through the SMi after
the base page has been exchanged. You then have the complete responsibility to both of the following:
• Send the correct sequence of Next-Pages to the Link Partner.
• Determine common capabilities and force the device into the correct configuration following successful exchange of
pages.
When bit 18.1 is reset to “0”, the 1000BASE-T related Next-Pages are automatically exchanged without user intervention. if the
Next Page bit 4.15 was set by the user in the Auto-Negotiation Advertisement register at the time the auto-negotiation was
restarted, control is returned to the user for additional Next-Pages following the 1000BASE-T Next-Page exchange.
if both bit 18.1 and Mii Register bit 4.15 are reset when an auto-negotiation sequence is initiated, all Next-Page exchange is
automatic, including sourcing of null pages. No user notification is provided until either auto-negotiation completes or fails. See
the description of Mii Register bit 4.15 for more details on standard Next-Page exchanges.
18.0 – CLKOUT Output Enable
When bit 18.0 is set to “1”, the VSC8221 provides a 125MHz clock on the CLKOUT output pin. The electrical specification for
this clock corresponds to the current settings for VDDiO. This clock is for use by the MAC, system manager CPU, or control
logic. By default, this pin is enabled, which enables the clock output independent of the status of any link, unless the hardware
reset is active (which also powers down the PLL). When disabled, the clock pins are normally driven low.
23.2.20 Register 19 (13h) – Reserved
19.15:0 - Reserved
Register 19 (13h) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com