Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 84 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 80Page - Microsemi Corporation VSC8221HH Datasheet HTML 81Page - Microsemi Corporation VSC8221HH Datasheet HTML 82Page - Microsemi Corporation VSC8221HH Datasheet HTML 83Page - Microsemi Corporation VSC8221HH Datasheet HTML 84Page - Microsemi Corporation VSC8221HH Datasheet HTML 85Page - Microsemi Corporation VSC8221HH Datasheet HTML 86Page - Microsemi Corporation VSC8221HH Datasheet HTML 87Page - Microsemi Corporation VSC8221HH Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
84 of 106
106
23.2.21 Register 20 (14h) – Reserved
20.15:0 – Reserved
23.2.22 Register 21 (15h) – Reserved
21.15:0 – Reserved
23.2.23 Register 22 (16h) – Control & Status Register
Register 20 (14h) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000
Register 21 (15h) – Reserved
Bit
Name
Access
States
Reset Value
Sticky
15:0
Reserved
RO
00000000 00000000
Register 22 (16h) – Control & Status Register
Bit
Name
Access States
Reset
Value
Sticky
15
Disable Link integrity State Machine R/W
1 = Disable link integrity test
0 = Enable link integrity test
0
S
14
Disable jabber Detect
R/W
1 = Disable jabber detect
0 = Enable jabber detect
0
S
13
Reserved
RO
0
12
SQE Disable Mode
R/W
1=Disable SQE Transmit
0=Enable SQQ Transmit
CMODE S
11:10 10BASE-T Squelch Control
R/W
00 = Normal squelch
01 = Low squelch
10 = High squelch
11 = Reserved
00
S
9
Sticky Reset Enable
R/W
1 = All bits marked as sticky will retain their
values during software reset
0 = All bits marked as sticky will be changed to
default values during software reset
1
SS
8
EOF Error
RO SC
1 = EOF error detected since last read
0 = EOF error not detected since last read
0
7
10BASE-T Disconnect State
RO SC
1 = 10BASE-T link disconnected
0 = 10BASE-T link connected
0
6
10BASE-T Link Status
RO
1 = 10BASE-T link active
0 = 10BASE-T link inactive
0
5:0
Reserved
RO
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com