Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 76 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation VSC8221HH Datasheet HTML 74Page - Microsemi Corporation VSC8221HH Datasheet HTML 75Page - Microsemi Corporation VSC8221HH Datasheet HTML 76Page - Microsemi Corporation VSC8221HH Datasheet HTML 77Page - Microsemi Corporation VSC8221HH Datasheet HTML 78Page - Microsemi Corporation VSC8221HH Datasheet HTML 79Page - Microsemi Corporation VSC8221HH Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
76 of 106
106
8.10:0 – LP Message/Unformatted Code
The Message/Unformatted Code bits indicate the message code being transmitted by the Link Partner.
23.2.10 Register 9 (09h) – 1000BASE-T Control Register
9.15:13 – Transmitter/Receiver Test Mode1
This test is valid only in 1000BASE-T mode. Refer to iEEE 802.3-2002, section 40.6.1.1.2 for more information.
• Test Mode 1: The PHY repeatedly transmits the following sequence of data symbols from all four transmitters: {{"+2"
followed by 127 "0" symbols}, {"-2" followed by 127 "0" symbols}, {"+1" followed by 127 "0" symbols}, {"-1" followed by
127 "0" symbols}, {128 "+2" symbols, 128 "-2" symbols, 128 "+2" symbols, 128 "-2" symbols}, {1024 "0" symbols}}. The
transmitter should use a 125.00 MHz ± 0.01% clock and should operate in MASTER timing mode.
Register 9 (09h) – 1000BASE-T Control Register
Bit
Name
Acces
s
States
Reset Value
Sticky
15:13 Transmitter Test Mode
R/W
Described below, per iEEE 802.3, 40.6.1.1.2
000
12
MASTER/SLAVE Manual
Configuration Enable
R/W
1 = Enable MASTER/SLAVE Manual Configu-
ration value
0 = Disable MASTER/SLAVE Manual Configu-
ration value
0
11
MASTER/SLAVE Manual
Configuration Value
R/W
1 = Configure PHY as MASTER during MAS-
TER/SLAVE negotiation, only when bit 9.12 is
set to logical one.
0 = Configure PHY as SLAVE during MASTER/
SLAVE negotiation, only when bit 9.12 is set to
logical one.
0
10
Port Type
R/W
1 = Multi-port device
0 = Single-port device
0
9
1000BASE-T FDX Capability
R/W
1 = PHY is 1000BASE-T FDX capable
CMODE
8
1000BASE-T HDX Capability
R/W
1 = PHY is 1000BASE-T HDX capable
CMODE
7:0
Reserved
R/W
00000000
1The state of this register is internally latched when the auto-negotiation state machine enters the ABiLiTY_DETECT state. Changes to the
states of these bits are recognized only at that time. This register is valid only in 1000BASE-T mode.
Bit 1
(9.15)
Bit 2
(9.14)
Bit 3
(9.13)
Test Mode
0
0
0
Normal operation
0
0
1
Test Mode 1 – Transmit waveform test
0
1
0
Test Mode 2 – Transmit jitter test in MASTER mode
0
1
1
Test Mode 3 – Transmit jitter test in SLAVE mode
1
0
0
Test Mode 4 – Transmitter distortion test
1
0
1
Reserved; operation not defined
1
1
0
Reserved; operation not defined
1
1
1
Reserved; operation not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com