Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 69 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 65Page - Microsemi Corporation VSC8221HH Datasheet HTML 66Page - Microsemi Corporation VSC8221HH Datasheet HTML 67Page - Microsemi Corporation VSC8221HH Datasheet HTML 68Page - Microsemi Corporation VSC8221HH Datasheet HTML 69Page - Microsemi Corporation VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
69 of 106
106
23.2.2 Register 1 (01h) – Mode Status Register
1.15 – 100BASE-T4 Capability
The VSC8221 is not 100BASE-T4 capable, so this bit is hard-wired to “0”.
1.14 – 100BASE-X FDX Capability
The VSC8221 is 100BASE-X FDX capable, so this bit is hard-wired to “1”.
1.13 – 100BASE-X HDX Capability
The VSC8221 is 100BASE-X HDX capable, so this bit is hard-wired to “1”.
1.12 – 10BASE-T FDX Capability
The VSC8221 is 10BASE-T FDX capable, so this bit is hard-wired to “1”.
1.11 – 10BASE-T HDX Capability
The VSC8221 is 10BASE-T HDX capable, so this bit is hard-wired to “1”.
1.10 – 100BASE-T2 FDX Capability
The VSC8221 is not 100BASE-T2 FDX capable, so this bit is hard-wired to “0”.
1.9 – 100BASE-T2 HDX Capability
The VSC8221 is not 100BASE-T2 HDX capable, so this bit is hard-wired to “0”.
Register 1 (01h) – Mode Status Register
Bit
Name
Access
States
Reset Value
Sticky
15
100BASE-T4 Capability
RO
1 = 100BASE-T4 capable
0
14
100BASE-X FDX Capability
RO
1 = 100BASE-X FDX capable
1
13
100BASE-X HDX Capability
RO
1 = 100BASE-X HDX capable
1
12
10BASE-T FDX Capability
RO
1 = 10BASE-T FDX capable
1
11
10BASE-T HDX Capability
RO
1 = 10BASE-T HDX capable
1
10
100BASE-T2 FDX Capability
RO
1 = 100BASE-T2 FDX capable
0
9
100BASE-T2 HDX Capability
RO
1 = 100BASE-T2 HDX capable
0
8
Extended Status Enable
RO
1 = Extended status information present in R15 1
7
Reserved
RO
0
6
Preamble Suppression Capability RO
1 = MF preamble may be suppressed
0 = MF preamble always required
1
5
Auto-Negotiation Complete
RO
1 = Auto-negotiation complete
0 = Auto-negotiation not complete
0
4
Remote Fault
RO LH
1 = Far-end fault detected
0 = No fault detected
0
3
Auto-Negotiation Capability
RO
1 = Auto-negotiation capable
1
2
Link Status1
1 The status of this bit remains unchanged when the PHY is put in Power Down mode by setting Mii Register 0.11 or by asserting the TXDiS/SRESET pin.
RO LL
1 = Link is up
0 = Link is down
0
1
Jabber Detect
RO LH
1 = Jabber condition detected
0 = No jabber condition detected
0
0
Extended Capability
RO
1 = Extended register capable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com