Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8221HH Datasheet(PDF) 70 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 66Page - Microsemi Corporation VSC8221HH Datasheet HTML 67Page - Microsemi Corporation VSC8221HH Datasheet HTML 68Page - Microsemi Corporation VSC8221HH Datasheet HTML 69Page - Microsemi Corporation VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation VSC8221HH Datasheet HTML 73Page - Microsemi Corporation VSC8221HH Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
70 of 106
106
1.8 – Extended Status Enable
The VSC8221 is extended status capable, so this bit is hard-wired to “1”.
1.7 – Reserved
1.6 – Preamble Suppression Capability
The VSC8221 accepts management frames on the SMi without preambles, so preamble suppression capability is hard-wired to
“1”. The management frame preamble may be as short as 1 bit.
1.5 – Auto-Negotiation Complete
When this bit is a “1”, the contents of Registers 4, 5, 6, 10 and 28 are valid.
1.4 – Remote Fault
Bit 1.4 will be set to “1” if the Link Partner signals a far-end fault. The bit is cleared automatically upon a read if the far-end fault
condition has been removed.
1.3 – Auto-Negotiation Capability
The VSC8221 is auto-negotiation capable, so this bit is hard-wired to “1”. Note that this bit will read a “1” even if auto-negotiation
is disabled via bit 0.12.
1.2 – Link Status
This bit will return a “1” when the VSC8221 link state machine has reached the “link pass” state, meaning that a valid link has
been established. if the link is subsequently lost, the Link Status will revert to a “0” state. it will remain a “0” until Link Status is
read while the link state machine is in the “link pass” state.
1.1 – Jabber Detect
Note that Jabber Detect is required for 10BASE-T mode only. Jabber Detect will be set to “1” when the jabber condition is
detected. Jabber Detect will be cleared automatically when this register is read.
1.0 – Extended Capability
The VSC8221 has extended register capability, so this bit is hard-wired to “1”.
23.2.3 Register 2 (02h) – PHY identifier Register #1
2.15:0 – PHY identifier Register #1
Microsemi has been assigned an OUi from the iEEE of 0003F1h. Per iEEE requirements, only OUi bits 3 to 18 are used in this
register.
Register 2 (02h) – PHY identifier Register #1
Bit
Name
Access
States
Reset Value
Sticky
15:0
Organizationally Unique identifier RO
OUi most significant bits
(Microsemi OUi bits 3:18)
0000000000001111
or
(000Fh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com