Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 42Page - Analog Devices AD9546BCPZ Datasheet HTML 43Page - Analog Devices AD9546BCPZ Datasheet HTML 44Page - Analog Devices AD9546BCPZ Datasheet HTML 45Page - Analog Devices AD9546BCPZ Datasheet HTML 46Page - Analog Devices AD9546BCPZ Datasheet HTML 47Page - Analog Devices AD9546BCPZ Datasheet HTML 48Page - Analog Devices AD9546BCPZ Datasheet HTML 49Page - Analog Devices AD9546BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 46 of 205
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
REFERENCE FREQUENCY INPUT OFFSET FROM
PROGRAMMED PART VALUE (ppb)
HYSTERESIS = 25.0%
HYSTERESIS = 12.5%
HYSTERESIS = NONE
Figure 27. Reference Valid Probability vs. Reference Frequency Input Offset
from Programmed Part Value; Tolerance = 4.6 ppm
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
REFERENCE FREQUENCY INPUT OFFSET FROM
PROGRAMMED PART VALUE (ppb)
HYSTERESIS = 25.0%
HYSTERESIS = 12.5%
HYSTERESIS = NONE
Figure 28. Reference Valid Probability vs. Reference Frequency Input Offset
from Programmed Part Value; Tolerance = 25 ppm
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
REFERENCE FREQUENCY INPUT OFFSET FROM
PROGRAMMED PART VALUE (ppb)
HYSTERESIS = 25.0%
HYSTERESIS = 12.5%
HYSTERESIS = NONE
Figure 29. Reference Valid Probability vs. Reference Frequency Input Offset
from Programmed Part Value; Tolerance = 100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com