Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 18Page - Analog Devices AD9546BCPZ Datasheet HTML 19Page - Analog Devices AD9546BCPZ Datasheet HTML 20Page - Analog Devices AD9546BCPZ Datasheet HTML 21Page - Analog Devices AD9546BCPZ Datasheet HTML 22Page - Analog Devices AD9546BCPZ Datasheet HTML 23Page - Analog Devices AD9546BCPZ Datasheet HTML 24Page - Analog Devices AD9546BCPZ Datasheet HTML 25Page - Analog Devices AD9546BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 22 of 205
DPLL PHASE CHARACTERISTICS
Table 17.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT PHASE
PERTURBATION
Assumes a jitter free reference; satisfies Telcordia
GR-1244 requirements; 0 ppm frequency difference
between references; reference switch initiated via
register map (see UG-1793) by faulting the active
reference input
Phase Refinement Disabled
50 Hz DPLL loop bandwidth; normal phase margin
mode; frequency translation = 19.44 MHz to
155.52 MHz; 49.152 MHz signal generator used for
system clock source
Peak
±20
±175
ps
Steady State
Phase Buildout Operation
±18
±160
ps
Hitless Operation
0
ps
Phase Refinement Enabled
50 Hz DPLL loop bandwidth; high phase margin mode;
phase refinement iterations = 4; frequency translation
= 19.44 MHz to 155.52 MHz; 49.152 MHz signal
generator used for system clock source
Peak
±5
±44
ps
Steady State
Phase Buildout Operation
±4
±43
ps
Hitless Operation
0
ps
PHASE SLEW LIMITER
0.001
250
µs/sec
See the AN-1420 Application Note, Phase Buildout and
Hitless Switchover with Digital Phase-Locked Loops
(DPLLs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com