Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546BCPZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 85Page - Analog Devices AD9546BCPZ Datasheet HTML 86Page - Analog Devices AD9546BCPZ Datasheet HTML 87Page - Analog Devices AD9546BCPZ Datasheet HTML 88Page - Analog Devices AD9546BCPZ Datasheet HTML 89Page - Analog Devices AD9546BCPZ Datasheet HTML 90Page - Analog Devices AD9546BCPZ Datasheet HTML 91Page - Analog Devices AD9546BCPZ Datasheet HTML 92Page - Analog Devices AD9546BCPZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 89 of 205
DEMODULATOR SENSITIVITY
Modulated input signals exhibiting a small change in pulse width
require more sensitivity than those that exhibit a large change.
To control the demodulator sensitivity to pulse width changes,
use Bits[1:0] in Register M per the register legend in Figure 62.
The demodulator defaults to its most sensitive setting, 00 (binary).
Increasing the binary value decreases the sensitivity, with 11
(binary) constituting the least sensitive setting. Decreased
sensitivity implies the need for more robust modulation events
(that is, larger Δt in Figure 63) for reliable demodulation.
DEMODULATOR PERSISTENCE
When the demodulator detects a modulation event, it generates
a single demodulator clock pulse (see Figure 62) lasting one
tCARRIER period. Because demodulation events normally occur at
intervals of tGRID, the demodulator clock signal consists of single
pulses occurring at the tGRID rate. The demodulator clock pulse
synchronizes the R divider and causes the reference TDC to tag
the accompanying time stamp. Thus, tagged reference time stamps
occur at the tGRID rate (see the Demodulator Synchronization
section).
Note that if the incoming modulation events stop occurring,
the demodulator clock pulses cease and the TDC stops
generating tags. Assuming the TDC tags route to one of the
DPLLs, the absence of tags causes the DPLL to unlock. The
persistence feature provides a mechanism for the demodulator
to continue to generate demodulator clock pulses at the tGRID
rate when modulation events are no longer present at the input,
thereby preventing the DPLL from losing lock.
The user controls the persistence functionality via Bit 6 in
Register M per the register legend in Figure 62. When Bit 6 = 0, the
demodulator clock signal only occurs when the demodulator
detects a modulation event. When D6 = 1 (default), the
demodulator learns the modulation period (which is tGRID) and
continues to generate demodulator clock pulses at the tGRID rate.
Figure 64 shows the timing of the demodulator clock signal.
The demodulator clock signal is available via an appropriately
configured Mx status pin (see the Status and Control Pins section).
Note that if the demodulator loses synchronization (for
example, when incoming modulation events go off grid), the
demodulator requires at least three consecutive tGRID intervals
(with valid modulation events) to resynchronize the persistence
mechanism. Because the demodulator requires three consecutive
tGRID intervals (with persistence enabled) for resynchronization,
the occurrence of an occasional off grid modulation event does
not cause the persistence mechanism to realign the demodulator
output clock and resynchronize the R divider. Instead, the
persistence mechanism effectively filters out the occasional
occurrence of off grid modulation events.
DEMODULATOR BANDWIDTH
The demodulators operate within two overlapping frequency
bands: Band 0 and Band 1. The user must select the appropriate
demodulator bandwidth (based on the input carrier frequency)
via Bit 0 in Register N per the register legend in Figure 62.
Logic 0 selects Band 0, and Logic 1 (default) selects Band 1.
Note that demodulator bandwidth control applies to a group of
four demodulators rather than an individual demodulator.
Thus, the user must ensure that all demodulators of the same
group that are actively demodulating have carrier frequencies
within the specified frequency range.
TIME
MODULATION
EVENT
BASE
EDGE
SYNC EDGE
tGRID
MODULATED
CARRIER
DEMOD
CLK TIMING
FOR THIS EXAMPLE:
tGRID = 10 × tCARRIER
tCARRIER
MODULATION EVENTS OCCUR
AT INTERVALS OF
tGRID
MODULATION
EVENT
BASE
EDGE
SYNC EDGE
tGRID
tGRID
tGRID
tGRID
Figure 64. Demodulator Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com